Electronic Components Datasheet Search
  English  ▼

X  

ZAMC4100 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZAMC4100 Datasheet(HTML) 1 Page - Integrated Device Technology

  ZAMC4100 Datasheet HTML 1Page - Integrated Device Technology ZAMC4100 Datasheet HTML 2Page - Integrated Device Technology ZAMC4100 Datasheet HTML 3Page - Integrated Device Technology ZAMC4100 Datasheet HTML 4Page - Integrated Device Technology ZAMC4100 Datasheet HTML 5Page - Integrated Device Technology ZAMC4100 Datasheet HTML 6Page - Integrated Device Technology ZAMC4100 Datasheet HTML 7Page - Integrated Device Technology ZAMC4100 Datasheet HTML 8Page - Integrated Device Technology ZAMC4100 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 155 page
background image
Actuator and Motor Controller
ZAMC4100
Datasheet
© 2016 Integrated Device Technology, Inc.
1
January 26, 2016
Brief Description
The ZAMC4100 Actuator and Motor Controller is an
integrated, single package solution that features a
high-performance ARM
®
Cortex™-M0* microcon-
troller (MCU), a 10-bit ADC, four general purpose
analog inputs, four half-bridge drivers, four high-side
switches, one output buffer for electrochromatic (EC)
mirror control with programmable output voltage (6
bit DAC), current source for external diode-based
temperature measurements, switchable voltage
source for external resistive sensors, and LIN (Local
Interconnect Network) bus interface.
This single-package solution with its rich diagnostic
features, optimized thermal performance, and LIN
bus interface, is well suited for automotive applica-
tions, such as high-end automotive exterior mirror
controllers, where small form-factor circuit board
designs and light wiring harnesses are required.
Features
•
Two main operation modes
§
NORMAL Mode with all functionality
available
§
SLEEP Mode with very low current
consumption (less than 80µA)
•
10-bit ADC for measuring various parameters
•
4 general purpose ADC inputs configurable for
absolute or ratiometric mode
•
4 low RDS (ON) half-bridge drivers and 4 low
RDS (ON) high-side switches
•
Analog EC mirror output controlled via 6-bit DAC
•
All outputs short circuit protected
•
Hardware 8-bit PWM control for half-bridge and
high-side drivers
•
Over-temperature protection with automatic
driver shut-down
•
Over-voltage and under-voltage detection with
automatic driver shut-down
•
Overload and open/short diagnostic for all
outputs
•
Embedded LIN 2.2/SAE J2602-2 transceiver
•
Embedded ARM
® Cortex™-M0 microcontroller
•
8 user-configurable GPIO pins
Benefits
•
Multi-chip-module concept with high functional
integrity
•
Low number of external components
•
Small footprint plastic QFN package with
exposed pad allowing better thermal
management
•
AEC-Q100 qualified product, optimized for
automotive environment
•
Smart power management concept for achieving
low sleep current consumption (<80µA)
Available Support
•
Data sheet and application notes
•
Evaluation and Application Kits
•
Software Development Kit (SDK)
Physical Characteristics
•
Ambient operation temperature: -40°C to +85°C
•
Wide power supply voltage range: 6V to 18V
•
Plastic QFN64 9x9mm package; exposed die pad
ZAMC4100
PQFN64TOPVIEW
EXPOSEDPAD
(pin65)
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
TCK
TMS
TDO
TDI
GPIO0
GPIO1
GPIO2
GPIO3
GPIO4
GPIO5
GPIO6
GPIO7
n.c.
CAP_3V3
CAP_1V8
HB2a
VSS3
HB1b
VDDE2
VDDE3
HS1a
VDDE4
VDDE5
HS2
HS1b
VDDE6
VDDE7
HB1a
HS3
VSS2
HB2b
CAP_MCU
* Note: The ARM® and Cortex™ trademarks are owned by ARM, Ltd.


Similar Part No. - ZAMC4100

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZAMC4100 RENESAS-ZAMC4100 Datasheet
3Mb / 156P
Actuator and Motor Controller
January 26, 2016
ZAMC4100GA2R RENESAS-ZAMC4100GA2R Datasheet
3Mb / 156P
Actuator and Motor Controller
January 26, 2016
ZAMC4100GA2V RENESAS-ZAMC4100GA2V Datasheet
3Mb / 156P
Actuator and Motor Controller
January 26, 2016
More results

Similar Description - ZAMC4100

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63010FP MITSUBISHI-M63010FP Datasheet
133Kb / 16P
SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
M63013FP MITSUBISHI-M63013FP Datasheet
137Kb / 17P
SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
M63015FP MITSUBISHI-M63015FP Datasheet
196Kb / 15P
SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
M63020FP MITSUBISHI-M63020FP Datasheet
144Kb / 17P
SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
M63021FP MITSUBISHI-M63021FP Datasheet
141Kb / 17P
SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
M63022FP MITSUBISHI-M63022FP Datasheet
188Kb / 14P
SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
logo
Renesas Technology Corp
M63028 RENESAS-M63028 Datasheet
510Kb / 22P
Spindle Motor and 5ch Actuator Driver
M63010FP RENESAS-M63010FP Datasheet
6Mb / 17P
SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
M63023FP RENESAS-M63023FP Datasheet
6Mb / 18P
SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
ZAMC4100 RENESAS-ZAMC4100 Datasheet
3Mb / 156P
Actuator and Motor Controller
January 26, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com