Electronic Components Datasheet Search
  English  ▼

X  

ZAMC4100 Datasheet(PDF) 90 Page - Integrated Device Technology

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZAMC4100 Datasheet(HTML) 90 Page - Integrated Device Technology

Back Button ZAMC4100 Datasheet HTML 86Page - Integrated Device Technology ZAMC4100 Datasheet HTML 87Page - Integrated Device Technology ZAMC4100 Datasheet HTML 88Page - Integrated Device Technology ZAMC4100 Datasheet HTML 89Page - Integrated Device Technology ZAMC4100 Datasheet HTML 90Page - Integrated Device Technology ZAMC4100 Datasheet HTML 91Page - Integrated Device Technology ZAMC4100 Datasheet HTML 92Page - Integrated Device Technology ZAMC4100 Datasheet HTML 93Page - Integrated Device Technology ZAMC4100 Datasheet HTML 94Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 155 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
90
January 26, 2016
Left-Justified ADC Results
This setting applies when bit RESJSTF = 0. The digitized data of bits [9:2] go to ADCRESH, while the remaining
bits [1:0] go to ADCRESL as shown in Figure 3.24. For correct SPI extraction of the result, the ADRESH is read
first, where it clears the interrupt flag ADCRDYIF as well as updating the value ADCRESL. This guarantees
protection of the results from the next conversion.
Right-Justified ADC Results
This setting applies when bit RESJSTF = 1. The digitized data of bits [7:0] go to ADCRESL, while the remaining
bits [9:8] go to ADCRESH as shown in Figure 3.24. For correct SPI extraction of the result, the ADRESL is read
first, where it clears the interrupt flag ADCRDYIF as well as updating the value ADCRESH. This guarantees
protection of results from the next conversion.
Signed or Unsigned ADC Results
Bit RESSIGN configures the signed or unsigned result format when the ADC is performing ratiometric conversion.
When RESSIGN = 0, the ADC result is represented as unsigned value. When RESSIGN = 1, the ADC result is
represented as signed value.
Note: If the ADC is performing absolute or temperature conversion, the result is unsigned regardless of the value
of the RESSIGN bit.
Note: For the right-justified signed results format, the unused bits of ADCRESH have the value of the sign bit.
Figure 3.24 ADC Result Formatting Options
9
2 1 0
ADCRESL
ADCRESH
7
0 7
6
Read 0
ADCRESL
ADCRESH
7
0 7
6
Read 0
S
Unsigned RESSIGN = 0
Signed RESSIGN = 1
S = Sign bit:
0 = Positive result
1 = Negative result
=> RESCODE (ADCRES[9:0])
(Software Variable)
LEFT JUSTIFIED
9
8 7
0
ADCRESL
ADCRESH
7
0 7
6
ADCRESL
ADCRESH
7
0 7
6
S
Unsigned RESSIGN = 0
Signed RESSIGN = 1
S = Sign bit:
0 = Positive result
1 = Negative result
=> RESCODE (ADCRES[9:0])
(Software Variable)
Read 0
Read S
1
1
0
0
RIGHT JUSTIFIED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com