Electronic Components Datasheet Search
  English  ▼

X  

ZAMC4100 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZAMC4100 Datasheet(HTML) 4 Page - Integrated Device Technology

  ZAMC4100 Datasheet HTML 1Page - Integrated Device Technology ZAMC4100 Datasheet HTML 2Page - Integrated Device Technology ZAMC4100 Datasheet HTML 3Page - Integrated Device Technology ZAMC4100 Datasheet HTML 4Page - Integrated Device Technology ZAMC4100 Datasheet HTML 5Page - Integrated Device Technology ZAMC4100 Datasheet HTML 6Page - Integrated Device Technology ZAMC4100 Datasheet HTML 7Page - Integrated Device Technology ZAMC4100 Datasheet HTML 8Page - Integrated Device Technology ZAMC4100 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 155 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
4
January 26, 2016
ACTUATORS
INTERFACE PINS
DESCRIPTION
COMMUNICATION
INTERFACE PINS
DESCRIPTION
HB1a
Output of half-bridge driver 1
LIN
LIN bus
HB1b
GPIO0 to GPIO7
General purpose I/O pins
HB2a
Output of half-bridge driver 2
TEST INTERFACE
PINS
DESCRIPTION
HB2b
HB3
Output of half-bridge driver 3
TEST
Global test enable pin
HB4
Output of half-bridge driver 4
TRSTN
JTAG Low-active Reset
HS1a
Output of high-side switch 1
TCK
JTAG clock
HS1b
TMS
JTAG Mode Select
HS2
Output of high-side switch 2
TDO
JTAG data out pin
HS3
Output of high-side switch 3
TDI
JTAG data in pin
HS4
Output of high-side switch 4
STO
SBC test data out
EC_M
Output for EC mirror control
SUPPLY PINS
DESCRIPTION
EC_RES
Connection to external resistor for EC
VDDE
Supply for the system
SERVICE PINS
DESCRIPTION
VDDE1 to VDDE8
High current supply for the drivers
CAP_5V0
Connection to external capacitor for 5V
(SBC analog core supply)
VSS1 to VSS5
High current ground for drivers
CAP_3V3
Connection to external capacitor for 3.3V
(MCU peripheral supply)
VSS_LIN
Ground for LIN transceiver
CAP_1V8
Connection to external capacitor for 1.8V
(SBC digital core supply)
VSSA
Ground for analog blocks (low noise)
CAP_MCU
Connection to external capacitor for 1.8V
(MCU core supply)
VSSD1
Ground for digital blocks of SBC
CAP_CP
Connection to external capacitor for CP
VSSD2
Ground for MCU
EXPOSED PAD
Connected to digital ground
VSS_IO
Ground for SBC digital IOs
Ordering Information
Product Sales Code
Description
Package
ZAMC4100GA2R
ZAMC4100GA PQFN64 – Temperature range: -40°C to +85°C
13” Tape and Reel
ZAMC4100GA2V
ZAMC4100GA PQFN64 – Temperature range: -40°C to +85°C
Tray
ZAMC4100 Evaluation Kit V2.0 including the ZAMC4100 Evaluation Board; software available at www.IDT.com/ZAMC4100
ZAMC4100 Application Kit V1.0 including the ZAMC4100 Application Board
Corporate Headquarters
6024 Silver Creek Valley Road
San Jose, CA 95138
www.IDT.com
Sales
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.IDT.com/go/sales
Tech Support
www.IDT.com/go/support
DISCLAIMER Integrated Device Technology, Inc. (IDT) reserves the right to modify the products and/or specifications described herein at any time, without notice, at IDT's sole discretion. Performance
specifications and operating parameters of the described products are determined in an independent state and are not guaranteed to perform the same way when installed in customer products. The
information contained herein is provided without representation or warranty of any kind, whether express or implied, including, but not limited to, the suitability of IDT's products for any particular purpose, an
implied warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not convey any license under intellectual property
rights of IDT or any third parties.
IDT's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can be
reasonably expected to significantly affect the health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Technology, IDT and the IDT logo are trademarks or registered trademarks of IDT and its subsidiaries in the United States and other countries. Other trademarks used herein are the
property of IDT or their respective third party owners. For datasheet type definitions and a glossary of common terms, visit www.idt.com/go/glossary. All contents of this document are copyright of Integrated
Device Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com