Electronic Components Datasheet Search
  English  ▼

X  

ZAMC4100 Datasheet(PDF) 45 Page - Integrated Device Technology

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZAMC4100 Datasheet(HTML) 45 Page - Integrated Device Technology

Back Button ZAMC4100 Datasheet HTML 41Page - Integrated Device Technology ZAMC4100 Datasheet HTML 42Page - Integrated Device Technology ZAMC4100 Datasheet HTML 43Page - Integrated Device Technology ZAMC4100 Datasheet HTML 44Page - Integrated Device Technology ZAMC4100 Datasheet HTML 45Page - Integrated Device Technology ZAMC4100 Datasheet HTML 46Page - Integrated Device Technology ZAMC4100 Datasheet HTML 47Page - Integrated Device Technology ZAMC4100 Datasheet HTML 48Page - Integrated Device Technology ZAMC4100 Datasheet HTML 49Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 155 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
45
January 26, 2016
Figure 3.7 ZAMC4100 SLEEP and STANDBY Mode Behavior
SBC
MCU
SPI SMDCTRL write
SLEEP = 1
No
LIN
wake-up?
Yes
Analog blocks
power-down
Clock switch
4MHz à 125kHz
Analog blocks
power-up
Clock switch
125kHz à 4MHz
No
Yes
MCU SW initialization
MCU SUPPLY ON
MCU supply
valid?
Yes
SLEEP
MCU SUPPLY OFF
1) Enable MCU clock
2) Release MCU reset
NORMAL Mode
MCU application
routine execution
SW Diagnostic Check:
1) SBC-to-MCU
connectivity check
2) ADC check
3) Output drivers check
SBC
MCU
NORMAL Mode
SPI SMDCTRL write
STBY = 1
Yes
LIN
wake-up?
No
LIN wake-up enable
IRQN = 0
STBY
MCU clock gate
MCU suspended
Yes
Other IRQ
event?
No
MCU application
routine execution
ZAMC4100 SLEEP Mode
ZAMC4100 STANDBY Mode
TMSC?
No
MCU clock enable
Yes
No
IRQN = 0?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com