Electronic Components Datasheet Search
  English  ▼

X  

ZAMC4100 Datasheet(PDF) 68 Page - Integrated Device Technology

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZAMC4100 Datasheet(HTML) 68 Page - Integrated Device Technology

Back Button ZAMC4100 Datasheet HTML 64Page - Integrated Device Technology ZAMC4100 Datasheet HTML 65Page - Integrated Device Technology ZAMC4100 Datasheet HTML 66Page - Integrated Device Technology ZAMC4100 Datasheet HTML 67Page - Integrated Device Technology ZAMC4100 Datasheet HTML 68Page - Integrated Device Technology ZAMC4100 Datasheet HTML 69Page - Integrated Device Technology ZAMC4100 Datasheet HTML 70Page - Integrated Device Technology ZAMC4100 Datasheet HTML 71Page - Integrated Device Technology ZAMC4100 Datasheet HTML 72Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 155 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
68
January 26, 2016
3.10. Pulse Width Modulation (PWM)
The ZAMC4100 SBC incorporates an 8-bit pulse width modulation module (PWM), which is designed to regulate
discrete power levels of the half-bridge and high-side driver’s output. The PWM module is a highly configurable
solution by the MCU via SPI.
3.10.1. Overview
The PWM block supports the following features:
•
PWM control for each half-bridge or high-side driver
•
Two or more drivers can be simultaneously controlled by a PWM block
•
When PWM control is not required, it can be disabled
•
Maximum frequency: ~1kHz
•
PWM frequency resolution: 8-bit
•
PWM duty-cycle resolution: 8-bit
Figure 3.15 PWM Block Diagram
8
PWMFCFG
Fosch/80
PWM
Prescaler
Comparator
8
8
8-bit
PWM Counter
PWMDCFG Shadow
PWMDCFG
8
HB1PWMEN
HB4PWMEN
HS1PWMEN
HS4PWMEN
HB1PWM
HB4PWM
HS1PWM
HS4PWM
PWMDREN
PWM Signal
This module has three registers as summarized below:
•
PWM frequency configuration register
PWMFCFG (Table 3.50)
•
PWM duty cycle configuration register
PWMDCFG (Table 3.50)
•
PWM driver control enable register
PWMDREN (see Table 3.25)
On power-on-reset, the value of register PWMDCFG is zero and the PWM output is continuously low; i.e. the
PWM is disabled. In order to start the PWM signal generation, the MCU should write to register PWMDCFG with a
value different than zero. The PWMDCFG register can be written at any time, but internally the duty-cycle value is
latched in a shadow register each time the PWM counter crosses zero. This guarantees a glitch-free signal at the
PWM output by avoiding duty-cycle changes within the PWM period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com