Electronic Components Datasheet Search
  English  ▼

X  

ZAMC4100 Datasheet(PDF) 78 Page - Integrated Device Technology

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZAMC4100 Datasheet(HTML) 78 Page - Integrated Device Technology

Back Button ZAMC4100 Datasheet HTML 74Page - Integrated Device Technology ZAMC4100 Datasheet HTML 75Page - Integrated Device Technology ZAMC4100 Datasheet HTML 76Page - Integrated Device Technology ZAMC4100 Datasheet HTML 77Page - Integrated Device Technology ZAMC4100 Datasheet HTML 78Page - Integrated Device Technology ZAMC4100 Datasheet HTML 79Page - Integrated Device Technology ZAMC4100 Datasheet HTML 80Page - Integrated Device Technology ZAMC4100 Datasheet HTML 81Page - Integrated Device Technology ZAMC4100 Datasheet HTML 82Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 155 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
78
January 26, 2016
Figure 3.20 illustrates the block diagram of the ADC module with the result comparator at the bottom of the
diagram.
Figure 3.20 ADC Functional Diagram
5V
VSSA
AIN1
Analog
Inputs
AIN2
AIN3
AIN4
10
8
8
Int.Ref
VREF
RESFMT
2
CMP
Counter
10
RCMPCNT
8
ADCCMPIF
ADCRDYIF
ADC
Rate
ADCSR[2:0]
3
SysClk
10
ADC
CCNV
SCNV
INPSEL[4:0]
5
ADCCMPL
ADCCMPH
2
8
AINCONF
4
NMOS
Current
Inputs
HB1 H/L*
HB2 H/L
HB3 H/L
HB4 H/L
HS1 H
HS2 H
HS3 H
HS4 H
Internal
Temp
Internal
Diag
*H/LH=HIGHSIDENMOS,L=LOWSIDENMOS
NMOS
Current
Inputs
CMPTH
CMPMD
CNTDEC
ECM
VDDE
This module is highly versatile due to a comprehensive register structure as summarized below:
•
ADC External Port Configuration Register
AINICONF
•
ADC Multiplexer and Control Register
ADCCTRL
•
ADC Configuration Register
ADCCONF
•
ADC Status Register with Interrupts Flags
ADCSTAT
•
ADC Compare and Counter Registers
RESCMPH, RESSCMPL, RCMPCNT
•
ADC Digitized and Formatted Results
ADCRESH and ADCRESL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com