Electronic Components Datasheet Search
  English  ▼

X  

ZAMC4100 Datasheet(PDF) 49 Page - Integrated Device Technology

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZAMC4100 Datasheet(HTML) 49 Page - Integrated Device Technology

Back Button ZAMC4100 Datasheet HTML 45Page - Integrated Device Technology ZAMC4100 Datasheet HTML 46Page - Integrated Device Technology ZAMC4100 Datasheet HTML 47Page - Integrated Device Technology ZAMC4100 Datasheet HTML 48Page - Integrated Device Technology ZAMC4100 Datasheet HTML 49Page - Integrated Device Technology ZAMC4100 Datasheet HTML 50Page - Integrated Device Technology ZAMC4100 Datasheet HTML 51Page - Integrated Device Technology ZAMC4100 Datasheet HTML 52Page - Integrated Device Technology ZAMC4100 Datasheet HTML 53Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 155 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
49
January 26, 2016
3.6.
SBC Interrupts
Most of the interrupts are generated by the peripherals within SBC and MCU chips. The interrupt organization of
the SBC chip is shown in Figure 3.8. The SBC interrupts are captured by the interrupt controller and after OR-
reduction are propagated to the MCU via IRQN line. The IRQN line is active-low and appears as an external
interrupt input to the MCU.
As shown in Figure 3.8, the interrupt logic has two levels: global interrupts and peripheral interrupts. Each
interrupt source has an individual interrupt enable (IE) and interrupt flag (IF) bit. Some of the IF bits are mapped
to the slave status byte and are shifted out to the MCU whenever a SPI command byte is shifted in to the SBC
(Figure 3.10-D).
The global interrupts are controlled via the IRQCTRL register and read via IRQSTAT (see section 3.6.2). The
peripheral interrupts are grouped by source and functionality and are combined using an OR-function to be a
single global interrupt bit. This allows the MCU to first determine which peripheral is causing an interrupt and then
to check the particular event. For example if the ADCIF interrupt flag bit is set, the reason might be that the ADC
conversion is finished (ADCRDYIF=1) or it might come from the ADC result comparator (ADCCMPIF=1) (see
section 3.7.5).
Figure 3.8 SBC Interrupt Logic Organization
IRQN
IRQSTAT
&
WDTIF
WDTIE
&
OVTIF
OVTIE
&
SEIF
SEIE
&
ADCIF
ADCIE
&
HBOCIF
HBOCIE
&
HSOCIF
HSOCIE
&
ECMOCIF
ECMOCIE
&
LINIF
LINIE
SBC
MCU
ZAMC4100
MCU
Interrupt
Controller
IRQCTRL
ADCRDYIF
ADCCMPIF
HB1OCIF
HB2OCIF
HB3OCIF
HB4OCIF
HS1OCIF
HS2OCIF
HS3OCIF
HS4OCIF
LINWUIF
LINDTOIF
LINSHIF
ADCSTAT
HBDSTAT
HSDSTAT
LINSTAT
SBC Global
Interrupts
SBC Peripheral Interrupts
OVIF
UVIF
RSTSTAT
CPVEIF
OSCLEIF
&
CMPEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com