Electronic Components Datasheet Search
  English  ▼

X  

AD5671R Datasheet(PDF) 12 Page - Analog Devices

Part # AD5671R
Description  Base station power amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5671R Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5671R Datasheet HTML 8Page - Analog Devices AD5671R Datasheet HTML 9Page - Analog Devices AD5671R Datasheet HTML 10Page - Analog Devices AD5671R Datasheet HTML 11Page - Analog Devices AD5671R Datasheet HTML 12Page - Analog Devices AD5671R Datasheet HTML 13Page - Analog Devices AD5671R Datasheet HTML 14Page - Analog Devices AD5671R Datasheet HTML 15Page - Analog Devices AD5671R Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
AD5671R/AD5675R
Data Sheet
Rev. B | Page 12 of 32
Figure 12. AD5675R INL Error vs. Temperature
Figure 13. AD5671R INL Error vs. Supply Voltage
Figure 14. AD5675R DNL Error vs. Temperature
Figure 15. AD5671R DNL Error vs. Temperature
Figure 16. AD5675R TUE vs. Temperature
Figure 17. AD5671R TUE vs. Temperature
–40
–20
0
20
40
60
80
100
120
–10
–8
–6
–4
–2
0
2
4
6
8
10
TEMPERATURE (°C)
VDD = 5V
TA = 25°C
INTERNAL REFERENCE = 2.5V
–10
–8
–6
–4
–2
0
2
4
6
8
10
2.7
3.2
3.7
4.2
4.7
5.2
SUPPLY VOLTAGE (V)
VDD = 5V
TA = 25°C
INTERNAL REFERENCE = 2.5V
–40
–20
0
20
40
60
80
100
120
–10
–8
–6
–4
–2
0
2
4
6
8
10
TEMPERATURE (°C)
VDD = 5V
TA = 25°C
INTERNAL REFERENCE = 2.5V
–40
–20
0
20
40
60
80
100
120
–10
–8
–6
–4
–2
0
2
4
6
8
10
TEMPERATURE (°C)
VDD = 5V
TA = 25°C
INTERNAL REFERENCE = 2.5V
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VDD = 5V
TA = 25°C
INTERNAL REFERENCE = 2.5V
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VDD = 5V
TA = 25°C
INTERNAL REFERENCE = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com