Electronic Components Datasheet Search
  English  ▼

X  

AD5671R Datasheet(PDF) 16 Page - Analog Devices

Part # AD5671R
Description  Base station power amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5671R Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5671R Datasheet HTML 12Page - Analog Devices AD5671R Datasheet HTML 13Page - Analog Devices AD5671R Datasheet HTML 14Page - Analog Devices AD5671R Datasheet HTML 15Page - Analog Devices AD5671R Datasheet HTML 16Page - Analog Devices AD5671R Datasheet HTML 17Page - Analog Devices AD5671R Datasheet HTML 18Page - Analog Devices AD5671R Datasheet HTML 19Page - Analog Devices AD5671R Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
AD5671R/AD5675R
Data Sheet
Rev. B | Page 16 of 32
Figure 36. Supply Current (IDD) vs. Temperature
Figure 37. Supply Current (IDD) vs. Supply Voltage
Figure 38. Supply Current (IDD) vs. Logic Input Voltage
Figure 39. Full-Scale Settling Time
Figure 40. Power-On Reset to 0 V and Midscale
Figure 41. Exiting Power-Down to Midscale
–40
–20
0
20
40
60
80
100
120
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
TEMPERATURE (°C)
FULL-SCALE
ZERO CODE
EXTERNAL REFERENCE, FULL-SCALE
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.7
3.2
3.7
4.2
4.7
5.2
SUPPLY VOLTAGE (V)
FULL-SCALE
ZERO CODE
EXTERNAL REFERENCE, FULL-SCALE
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.7
3.2
3.7
4.2
4.7
5.2
SUPPLY VOLTAGE (V)
ZERO CODE
FULL-SCALE
EXTERNAL REFERENCE, FULL-SCALE
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
80
100
120
140
160
180
200
TIME (µs)
VDD = 5.5V
GAIN = +1
INTERNAL REFERENCE = 2.5V
1/4 TO 3/4 SCALE
DAC 1
DAC 2
DAC 3
DAC 4
DAC 5
DAC 5
DAC 7
DAC 8
–0.001
0
0.001
0.002
0.003
0.004
0.005
0.006
–1
0
1
2
3
4
5
6
0
2
4
6
8
10
TIME (ms)
VDD (V)
VOUT0 (V)
VOUT1 (V)
VOUT2 (V)
VOUT3 (V)
VOUT4 (V)
VOUT5 (V)
VOUT6 (V)
VOUT7 (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
–5
0
5
10
TIME (µs)
VDD = 5V
TA = 25°C
INTERNAL REFERENCE = 2.5V
MIDSCALE, GAIN = 2
MIDSCALE, GAIN = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com