Electronic Components Datasheet Search
  English  ▼

X  

AD5671R Datasheet(PDF) 19 Page - Analog Devices

Part # AD5671R
Description  Base station power amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5671R Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5671R Datasheet HTML 15Page - Analog Devices AD5671R Datasheet HTML 16Page - Analog Devices AD5671R Datasheet HTML 17Page - Analog Devices AD5671R Datasheet HTML 18Page - Analog Devices AD5671R Datasheet HTML 19Page - Analog Devices AD5671R Datasheet HTML 20Page - Analog Devices AD5671R Datasheet HTML 21Page - Analog Devices AD5671R Datasheet HTML 22Page - Analog Devices AD5671R Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Data Sheet
AD5671R/AD5675R
Rev. B | Page 19 of 32
Figure 54. Internal Reference Voltage (VREF) vs. Load Current and Supply
Voltage (VDD)
Figure 55. Internal Reference Voltage (VREF) vs. Supply Voltage (VDD)
2.4995
2.5000
2.5005
2.5010
2.5015
2.5020
2.5025
2.5030
2.5035
–0.035
–0.025
–0.015
–0.005
0.005
0.015
0.025
0.035
LOAD CURRENT (A)
VDD = 5V
TA = 25°C
VDD (V)
2.50010
2.50015
2.50020
2.50025
2.50030
2.50035
2.50040
2.50045
2.50050
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = 25°C
DEVICE1
DEVICE2
DEVICE3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com