Electronic Components Datasheet Search
  English  ▼

X  

AD5671R Datasheet(PDF) 29 Page - Analog Devices

Part # AD5671R
Description  Base station power amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5671R Datasheet(HTML) 29 Page - Analog Devices

Back Button AD5671R Datasheet HTML 24Page - Analog Devices AD5671R Datasheet HTML 25Page - Analog Devices AD5671R Datasheet HTML 26Page - Analog Devices AD5671R Datasheet HTML 27Page - Analog Devices AD5671R Datasheet HTML 28Page - Analog Devices AD5671R Datasheet HTML 29Page - Analog Devices AD5671R Datasheet HTML 30Page - Analog Devices AD5671R Datasheet HTML 31Page - Analog Devices AD5671R Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Data Sheet
AD5671R/AD5675R
Rev. B | Page 29 of 32
THERMAL HYSTERESIS
Thermal hysteresis is the voltage difference induced on the
reference voltage by sweeping the temperature from ambient to
cold, to hot, and then back to ambient.
Thermal hysteresis data is shown in Figure 66. It is measured by
sweeping the temperature from ambient to −40°C, then to +125°C,
and returning to ambient. The VREF delta is then measured
between the two ambient measurements and shown in blue in
Figure 66. The same temperature sweep and measurements
were immediately repeated, and the results are shown in red in
Figure 66.
Figure 66. Thermal Hysteresis
Table 17. 24-Bit Input Shift Register Contents for Internal Reference and Amplifier Gain Setup Command1
DB23 (MSB)
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB1 to DB3
DB2
DB1
DB0 (LSB)
0
1
1
1
X
X
X
X
X
1/0
0
1/0
Command bits (C3 to C0)
Address bits (A3 to A0)
Don’t care
Amplifier
gain
Reserved
Reference setup
register
1
X means don’t care.
0
1
2
3
–130 –110
–90
–70
–50
–30
–10
10
30
50
70
DISTORTION (ppm)
FIRST TEMPERATURE SWEEP
SUBSEQUENT TEMPERATURE SWEEPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com