Electronic Components Datasheet Search
  English  ▼

X  

AD5671R Datasheet(PDF) 26 Page - Analog Devices

Part # AD5671R
Description  Base station power amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5671R Datasheet(HTML) 26 Page - Analog Devices

Back Button AD5671R Datasheet HTML 22Page - Analog Devices AD5671R Datasheet HTML 23Page - Analog Devices AD5671R Datasheet HTML 24Page - Analog Devices AD5671R Datasheet HTML 25Page - Analog Devices AD5671R Datasheet HTML 26Page - Analog Devices AD5671R Datasheet HTML 27Page - Analog Devices AD5671R Datasheet HTML 28Page - Analog Devices AD5671R Datasheet HTML 29Page - Analog Devices AD5671R Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
AD5671R/AD5675R
Data Sheet
Rev. B | Page 26 of 32
POWER-DOWN OPERATION
The AD5671R/AD5675R contain two separate power-down
modes. Command 0100 is designated for the power-down
function (see Table 9). These power-down modes are software
programmable by setting 16 bits, Bit DB15 to Bit DB0, in the
input shift register. There are two bits associated with each DAC
channel. Table 12 shows how the state of the two bits corresponds
to the mode of operation of the device.
Any or all DACs (DAC 0 to DAC 7) power down to the selected
mode by setting the corresponding bits. See Table 13 for the
contents of the input shift register during the power-down/
power-up operation.
Table 12. Modes of Operation
Operating Mode
PD1
PD0
Normal Operation
0
0
Power-Down Modes
1 kΩ to GND
0
1
Tristate
1
1
When both Bit PD1 and Bit PD0 in the input shift register are set
to 0, the device works normally with its normal power
consumption of typically 1 mA at 5 V. However, for the two
power-down modes, the supply current falls to typically 1 µA.
In addition to this fall, the output stage switches internally from
the amplifier output to a resistor network of known values. This
has the advantage that the output impedance of the devices are
known while the devices are in power-down mode. There are
two different power-down options. The output is connected
internally to GND through either a 1 kΩ resistor, or it is left
open-circuited (tristate). The output stage is shown in Figure 62.
Figure 62. Output Stage During Power-Down
The bias generator, output amplifier, resistor string, and other
associated linear circuitry are shut down when power-down
mode is activated. However, the contents of the DAC registers
are unaffected in power-down mode, and the DAC registers can
be updated while the device is in power-down mode. The time
required to exit power-down is typically 2.5 µs for VDD = 5 V.
LOAD DAC (HARDWARE LDAC PIN)
The AD5671R/AD5675R DACs have double buffered interfaces
consisting of two banks of registers: input registers and DAC
registers. The user can write to any combination of the input
registers. Updates to the DAC registers are controlled by
the LDAC pin.
Instantaneous DAC Updating (LDAC Held Low)
For instantaneous updating of the DACs, LDAC is held low while
data is clocked into the input register using Command 0001. Both
the addressed input register and the DAC register are updated on
the 24th clock, and the output changes immediately.
Deferred DAC Updating (LDAC is Pulsed Low)
For deferred updating of the DACs, LDAC is held high while data
is clocked into the input register using Command 0001. All DAC
outputs are asynchronously updated by pulling LDAC low after the
24th clock. The update occurs on the falling edge of LDAC.
Figure 63. Simplified Diagram of Input Loading Circuitry for a Single DAC
Table 13. 24-Bit Input Shift Register Contents of Power-Down/Power-Up Operation
[DB23:DB20]
DB19
[DB18:DB16]
DAC 7
DAC 6
DAC 5
DAC 4
DAC 3
DAC 2
DAC 1
DAC 0
[DB15: B14]
[DB13: B12]
[DB11: B10]
[DB9:DB8]
[DB7:DB6]
[DB5:DB4]
[DB3:DB2]
[DB1:DB0]
0100
0
XXX1
[PD1:PD0]
[PD1:PD0]
[PD1:PD0]
[PD1:PD0]
[PD1:PD0]
[PD1:PD0]
[PD1:PD0]
[PD1:PD0]
1
X means don’t care.
RESISTOR
NETWORK
VOUT
DAC
POWER-DOWN
CIRCUITRY
AMPLIFIER
SCL
DAC
REGISTER
INTERFACE
LOGIC
AMPLIFIER
LDAC
INPUT
REGISTER
SDA
12-/16-BIT
DAC
VOUTX
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com