Electronic Components Datasheet Search
  English  ▼

X  

AD5671R Datasheet(PDF) 23 Page - Analog Devices

Part # AD5671R
Description  Base station power amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5671R Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5671R Datasheet HTML 19Page - Analog Devices AD5671R Datasheet HTML 20Page - Analog Devices AD5671R Datasheet HTML 21Page - Analog Devices AD5671R Datasheet HTML 22Page - Analog Devices AD5671R Datasheet HTML 23Page - Analog Devices AD5671R Datasheet HTML 24Page - Analog Devices AD5671R Datasheet HTML 25Page - Analog Devices AD5671R Datasheet HTML 26Page - Analog Devices AD5671R Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Data Sheet
AD5671R/AD5675R
Rev. B | Page 23 of 32
SERIAL INTERFACE
The AD5671R/AD5675R use a 2-wire, I2C-compatible serial
interface. These devices can be connected to an I2C bus as a
slave device under the control of the master devices. The
AD5671R/AD5675R support standard (100 kHz) and fast
(400 kHz) data transfer modes. Support is not provided for
10-bit addressing and general call addressing.
Input Shift Register
The input shift register of the AD5671R/AD5675R is 24 bits wide.
Data is loaded MSB first (DB23), and the first four bits are the
command bits, C3 to C0 (see Table 9), followed by the 4-bit
DAC address bits, A3 to A0 (see Table 10), and finally, the bit
data-word.
The data-word comprises 16-bit or 12-bit input code, followed by
zero or four don’t care bits for the AD5675R and AD5671R,
respectively (see Figure 58 and Figure 59). These data bits are
transferred to the input register on the 24 falling edges of SCL.
Commands execute on individual DAC channels, combined DAC
channels, or on all DACs, depending on the address bits selected.
Table 9. Command Definitions
Command
C3
C2
C1
C0
Description
0
0
0
0
No operation
0
0
0
1
Write to Input Register n (dependent on
LDAC)
0
0
1
0
Update DAC Register n with contents of
Input Register n
0
0
1
1
Write to and update DAC Channel n
0
1
0
0
Power down/power up DAC
0
1
0
1
Hardware LDAC mask register
0
1
1
0
Software reset (power-on reset)
0
1
1
1
Internal reference and gain setup register
1
0
0
0
Reserved
1
0
0
1
Reserved
1
0
1
0
Update all channels of input register
simultaneously with the input data
1
0
1
1
Update all channels of DAC register and
input register simultaneously with the
input data
1
1
0
0
Reserved
…
…
…
…
1
1
1
1
Reserved
Table 10. Address Commands
Channel Address[3:0]
Selected Channel1
A3
A2
A1
A0
0
0
0
0
DAC 0
0
0
0
1
DAC 1
0
0
1
0
DAC 2
0
0
1
1
DAC 3
0
1
0
0
DAC 4
0
1
0
1
DAC 5
0
1
1
0
DAC 6
0
1
1
1
DAC 7
1 Any combination of DAC channels can be selected using the address bits.
Figure 58. AD5675R Input Shift Register Content
Figure 59. AD5671R Input Shift Register Content
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
C3
C2
C1
C0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
COMMAND
DAC ADDRESS
DAC DATA
DAC DATA
COMMAND BYTE
DATA HIGH BYTE
DATA LOW BYTE
A3
A2
A1
A0
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
C3
C2
C1
C0
A3
A2
A1
A0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
COMMAND
DAC ADDRESS
DAC DATA
DAC DATA
COMMAND BYTE
DATA HIGH BYTE
DATA LOW BYTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com