Electronic Components Datasheet Search
  English  ▼

X  

HMC832LP6GETR Datasheet(PDF) 34 Page - Analog Devices

Part # HMC832LP6GETR
Description  Cellular infrastructure
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC832LP6GETR Datasheet(HTML) 34 Page - Analog Devices

Back Button HMC832LP6GETR Datasheet HTML 30Page - Analog Devices HMC832LP6GETR Datasheet HTML 31Page - Analog Devices HMC832LP6GETR Datasheet HTML 32Page - Analog Devices HMC832LP6GETR Datasheet HTML 33Page - Analog Devices HMC832LP6GETR Datasheet HTML 34Page - Analog Devices HMC832LP6GETR Datasheet HTML 35Page - Analog Devices HMC832LP6GETR Datasheet HTML 36Page - Analog Devices HMC832LP6GETR Datasheet HTML 37Page - Analog Devices HMC832LP6GETR Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
Data Sheet
HMC832
APPLICATIONS INFORMATION
Large bandwidth (25 MHz to 3000 MHz), industry leading
phase noise and spurious performance, excellent noise floor
(−160 dBc/Hz), coupled with a high level of integration make
the HMC832 ideal for a variety of applications; as an RF or IF
stage local oscillator (LO).
Using the HMC832 with a tunable reference, as shown in Figure 51,
it is possible to drastically improve spurious emissions performance
across all frequencies.
Figure 49. HMC832 in a Typical Transmit Chain
Figure 50. HMC832 in a Typical Receive Chain
Figure 51. HMC832 Used as a Tunable Reference for HMC832
HMC1044LP3E
HMC900LP5E
HMC795LP5E
HMC832
PLL
÷2
DAC
DAC
HMC832
PLL
HMC597LP4E
HMC1044LP3E
HMC832
HMC832
HMC900LP5E
CMIO
CMQO
HMC960LP4E
90
0
PLL
PLL
HMCAD1520
ADC
HMCAD1520
ADC
HMC832
CRYSTAL
OSCILLATOR
PLL
HMC832
TUNABLE REFERENCE
25MHz TO 100MHz
PLL
Rev. A | Page 33 of 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com