Electronic Components Datasheet Search
  English  ▼

X  

HMC832LP6GETR Datasheet(PDF) 10 Page - Analog Devices

Part # HMC832LP6GETR
Description  Cellular infrastructure
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC832LP6GETR Datasheet(HTML) 10 Page - Analog Devices

Back Button HMC832LP6GETR Datasheet HTML 6Page - Analog Devices HMC832LP6GETR Datasheet HTML 7Page - Analog Devices HMC832LP6GETR Datasheet HTML 8Page - Analog Devices HMC832LP6GETR Datasheet HTML 9Page - Analog Devices HMC832LP6GETR Datasheet HTML 10Page - Analog Devices HMC832LP6GETR Datasheet HTML 11Page - Analog Devices HMC832LP6GETR Datasheet HTML 12Page - Analog Devices HMC832LP6GETR Datasheet HTML 13Page - Analog Devices HMC832LP6GETR Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Data Sheet
HMC832
Figure 9. Fractional Spurious Performance at 904 MHz, Exact Frequency
Mode On, 122.88 MHz XTAL, PFD = 61.44 MHz, Channel Spacing = 200 kHz,
Loop Filter Type 2 (See Table 12)
Figure 10. Fractional Spurious Performance at 2118.24 MHz,
Exact Frequency Mode On, 122.88 MHz XTAL, PFD = 61.44 MHz, Channel
Spacing = 240 kHz, Loop Filter Type 2 (See Table 12)
Figure 11. Fractional Spurious Performance at 2646.96 MHz, Exact Frequency
Mode On, 122.88 MHz XTAL, PFD = 61.44 MHz, Channel Spacing = 240 kHz,
Loop Filter Type 2 (See Table 12)
Figure 12. Fractional Spurious Performance at 1804 MHz, Exact Frequency
Mode On, 122.88 MHz XTAL, PFD = 61.44 MHz, Channel Spacing = 200 kHz,
Loop Filter Type 2 (See Table 12)
Figure 13. Fractional Spurious Performance at 2118.24 MHz, Identical
Configuration to Figure 10 with Exact Frequency Mode Off
Figure 14. Fractional Spurious Performance at 2646.96 MHz, Identical
Configuration to Figure 11 with Exact Frequency Mode Off
–180
–160
–140
–120
–100
–80
–60
OFFSET (Hz)
1k
10k
100k
1M
10M
100M
LOW CURRENT MODE (VCO_REG0x03[10] = 1d)
SSB INTEGRATED PHASE NOISE = –64.3dBc
INTEGRATION BANDWIDTH = 1kHz TO 100MHz
SNR = 61.3dB, EVM = 0.086%, PHASE NOISE
INTEGRATION BANDWIDTH 1kHz TO 100MHz
HIGH PERFORMANCE MODE (VCO_REG0x03[10] = 3d)
SSB INTEGRATED PHASE NOISE = –65.5dBc
INTEGRATION BANDWIDTH = 1kHz TO 100MHz
SNR = 62.5dB, EVM = 0.075% PHASE NOISE
INTEGRATION BANDWIDTH 1kHz TO 100MHz
–180
–160
–140
–120
–100
–80
–60
OFFSET (Hz)
1k
10k
100k
1M
10M
100M
HIGH PERFORMANCE MODE (VCO_REG0x03[10] = 3d)
SSB INTEGRATED PHASE NOISE = –57.45dBc
INTEGRATION BANDWIDTH = 1kHz TO 100MHz
SNR = 54.45dB, EVM = 0.189%, PHASE NOISE
INTEGRATION BANDWIDTH 1kHz TO 100MHz
LOW CURRENT MODE (VCO_REG0x03[10] = 1d)
SSB INTEGRATED PHASE NOISE = –57dBc
INTEGRATION BANDWIDTH = 1kHz TO 100MHz
SNR = 54dB, EVM = 0.199%, PHASE NOISE
INTEGRATION BANDWIDTH 1kHz TO 100MHz
–180
–160
–140
–120
–100
–80
–60
OFFSET (Hz)
1k
10k
100k
1M
10M
100M
LOW CURRENT MODE (VCO_REG0x03[10] = 1d)
SSB INTEGRATED PHASE NOISE = –55.6dBc
INTEGRATION BANDWIDTH = 1kHz TO 100MHz
SNR = 52.6dB, EVM = 0.234%, PHASE NOISE
INTEGRATION BANDWIDTH 1kHz TO 100MHz
HIGH PERFORMANCE MODE (VCO_REG0x03[10] = 3d)
SSB INTEGRATED PHASE NOISE = –56dBc
INTEGRATION BANDWIDTH = 1kHz TO 100MHz
SNR = 53dB, EVM = 0.224%, PHASE NOISE
INTEGRATION BANDWIDTH 1kHz TO 100MHz
–180
–160
–140
–120
–100
–80
–60
OFFSET (Hz)
1k
10k
100k
1M
10M
100M
LOW CURRENT MODE (VCO_REG0x03 [10] = 1d)
SSB INTEGRATED PHASE NOISE = –58.7dBc
INTEGRATION BANDWIDTH = 1kHz TO 100MHz
SNR = 55.7dB, EVM = 0.164%, PHASE NOISE
INTEGRATION BANDWIDTH 1kHz TO 100MHz
HIGH PERFORMANCE MODE (VCO_REG0x03[10] = 3d)
SSB INTEGRATED PHASE NOISE = –59dBc
INTEGRATION BANDWIDTH = 1kHz TO 100MHz
SNR = 56dB, EVM = 0.158%, PHASE NOISE
INTEGRATION BANDWIDTH 1kHz TO 100MHz
–180
–160
–140
–120
–100
–80
–60
OFFSET (Hz)
1k
10k
100k
1M
10M
100M
LOW CURRENT MODE (VCO_REG0x03[10] = 1d)
SSB INTEGRATED PHASE NOISE = –57dBc
INTEGRATION BANDWIDTH = 1kHz TO 100MHz
SNR = 54, EVM = 0.199%, PHASE NOISE
INTEGRATION BANDWIDTH 1kHz TO 100MHz
HIGH PERFORMANCE MODE (VCO_REG0x03[10] = 3d)
SSB INTEGRATED PHASE NOISE = –57.45dBc
INTEGRATION BANDWIDTH = 1kHz TO 100MHz
SNR = 54.45dB, EVM = 0.189%, PHASE NOISE
INTEGRATION BANDWIDTH 1kHz TO 100MHz
–180
–160
–140
–120
–100
–80
–60
OFFSET (Hz)
1k
10k
100k
1M
10M
100M
LOW CURRENT MODE (VCO_REG0x03[10] = 1d)
SSB INTEGRATED PHASE NOISE = –55.6dBc
INTEGRATION BANDWIDTH = 1kHz TO 100MHz
SNR = 52.6dB, EVM = 0.234%, PHASE NOISE
INTEGRATION BANDWIDTH 1kHz TO 100MHz
HIGH PERFORMANCE MODE (VCO_REG0x03[10] = 3d)
SSB INTEGRATED PHASE NOISE = –56dBc
INTEGRATION BANDWIDTH = 1kHz TO 100MHz
SNR = 53dB, EVM = 0.224%, PHASE NOISE
INTEGRATION BANDWIDTH 1kHz TO 100MHz
Rev. A | Page 9 of 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com