Electronic Components Datasheet Search
  English  ▼

X  

HMC832LP6GETR Datasheet(PDF) 9 Page - Analog Devices

Part # HMC832LP6GETR
Description  Cellular infrastructure
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC832LP6GETR Datasheet(HTML) 9 Page - Analog Devices

Back Button HMC832LP6GETR Datasheet HTML 5Page - Analog Devices HMC832LP6GETR Datasheet HTML 6Page - Analog Devices HMC832LP6GETR Datasheet HTML 7Page - Analog Devices HMC832LP6GETR Datasheet HTML 8Page - Analog Devices HMC832LP6GETR Datasheet HTML 9Page - Analog Devices HMC832LP6GETR Datasheet HTML 10Page - Analog Devices HMC832LP6GETR Datasheet HTML 11Page - Analog Devices HMC832LP6GETR Datasheet HTML 12Page - Analog Devices HMC832LP6GETR Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
HMC832
Data Sheet
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Typical Closed-Loop Integer Phase Noise, 50 MHz PD Frequency, Output
Gain = 6 (VCO_REG 0x07[3:0] = 6d), High Performance Mode (VCO_REG 0x03[1:0]
= 3d), Phase Noise Integrated from 1 kHz to 100 MHz, See Table 12
Figure 4. Open-Loop VCO Phase Noise at 1800 MHz
Figure 5. Free Running VCO Phase Noise at 3000 MHz
Figure 6. Typical Closed-Loop Fractional Phase Noise, 50 MHz PD Frequency,
Output Gain = 6 (VCO_REG 0x07[3:0] = 6d), High Performance Mode (VCO_REG
0x03[1:0] = 3d), Phase Noise Integrated from 1 kHz to 100 MHz, See Table 12
Figure 7. Closed-Loop Phase Noise at 1800 MHz, Divided by 1 to 62, PD
Frequency, Loop Filter Bandwidth = 75 kHz (Type 2 from Table 12), High Perfor-
mance Mode (VCO_REG 0x03[1:0] = 3d), Subset of Available Output Divide Ratios
is Shown; Full Range of Output Divide Values Includes 1, 2, 4, 6, 8, … 58, 60, 62
Figure 8. Closed-Loop Phase Noise at 3000 MHz, Divided by 1 to 62, PD
Frequency, Loop Filter Bandwidth = 75 kHz (Type 2 from Table 12), High Perfor-
mance Mode (VCO_REG 0x03[1:0] = 3d), Subset of Available Output Divide Ratios
is Shown; Full Range of Output Divide Values Includes 1, 2, 4, 6, 8, … 58, 60, 62
–170
1k
10k
100k
1M
10M
100M
–160
–150
–140
–130
–120
–110
–100
OFFSET (Hz)
750MHz, EVM = –62.5dB, OR 0.075%
1600MHz, EVM = –57dB OR 0.141%
2500MHz, EVM = –53.3dB OR 0.216%
875MHz, EVM = –64.8dB OR 0.058%
1600MHz, EVM = –59.8dB OR 0.102%
2500MHz, EVM = –55.8dB OR 0.168%
LOOP BW = 127kHz
LOOP BW = 75kHz
1k
10k
100k
1M
10M
100M
OFFSET (Hz)
–180
–160
–140
–120
–100
–80
–60
LOW CURRENT MODE
(VCO_REG0x03[10] = 1d)
HIGH PERFORMANCE MODE
(VCO_REG0x03[10] = 3d)
1k
10k
100k
1M
10M
100M
OFFSET (Hz)
–180
–160
–140
–120
–100
–80
–40
–60
LOW CURRENT MODE
(VCO_REG0x03[10] = 1d)
HIGH PERFORMANCE MODE
(VCO_REG0x03[10] = 3d)
–170
1k
10k
100k
1M
10M
100M
–160
–150
–140
–130
–120
–110
–100
OFFSET (Hz)
LOOP BW = 127kHz
880MHz, EVM = –61.3dB OR 0.086%
1605MHz, EVM = –57.5dB OR 0.133%
2505MHz, EVM = –52dB OR 0.251%
880MHz, EVM = –61.8dB OR 0.081%
1605MHz, EVM = –57.2dB OR 0.138%
2505MHz, EVM = –53.9dB OR 0.204%
LOOP BW = 75kHz
1k
10k
100k
1M
10M
100M
–170
–160
–150
–140
–130
–120
–110
–100
OFFSET (Hz)
÷16
÷32
÷62
÷1
÷2
÷8
÷4
1k
10k
100k
1M
10M
100M
–170
–160
–150
–140
–130
–120
–110
–100
OFFSET (Hz)
÷16
÷32
÷62
÷1
÷2
÷8
÷4
Rev. A | Page 8 of 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com