Electronic Components Datasheet Search
  English  ▼

X  

HMC832LP6GETR Datasheet(PDF) 15 Page - Analog Devices

Part # HMC832LP6GETR
Description  Cellular infrastructure
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC832LP6GETR Datasheet(HTML) 15 Page - Analog Devices

Back Button HMC832LP6GETR Datasheet HTML 11Page - Analog Devices HMC832LP6GETR Datasheet HTML 12Page - Analog Devices HMC832LP6GETR Datasheet HTML 13Page - Analog Devices HMC832LP6GETR Datasheet HTML 14Page - Analog Devices HMC832LP6GETR Datasheet HTML 15Page - Analog Devices HMC832LP6GETR Datasheet HTML 16Page - Analog Devices HMC832LP6GETR Datasheet HTML 17Page - Analog Devices HMC832LP6GETR Datasheet HTML 18Page - Analog Devices HMC832LP6GETR Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
HMC832
Data Sheet
THEORY OF OPERATION
Figure 38. PLL and VCO Subsystems
The HMC832 PLL with integrated VCO is comprised of two
subsystems; PLL subsystem and VCO subsystem, as shown in
Figure 38.
PLL SUBSYSTEM OVERVIEW
The PLL subsystem divides down the VCO output to the
desired comparison frequency via the N-divider (integer value
set in Register 0x03, fractional value set in Register 0x04),
compares the divided VCO signal to the divided reference
signal (reference divider set in Register 0x02) in the phase
detector (PD), and drives the VCO tuning voltage via the charge
pump (CP) (configured in Register 0x09) to the VCO
subsystem. Some of the additional PLL subsystem functions
include
•
Delta-sigma configuration (Register 0x06).
•
Exact frequency mode (configured in Register 0x0C,
Register 0x03, and Register 0x04).
•
Lock detect (LD) configuration (use Register 0x07 to
configure LD and Register 0x0F to configure the LD_SDO
output pin).
•
External CEN pin used for the hardware PLL enable pin.
CEN pin does not affect the VCO subsystem.
Typically, only writes to the divider registers (integer part uses
Register 0x03, fractional part uses Register 0x04) of the PLL
subsystem are required for HMC832 output frequency changes.
Divider registers of the PLL subsystem (Register 0x03 and
Register 0x04), set the fundamental frequency (1500 MHz to
3000 MHz) of the VCO subsystem. Output frequencies ranging
from 25 MHz to 1500 MHz are generated by tuning to the
appropriate fundamental VCO frequency (1500 MHz to
3000 MHz) by programming the N divider (Register 0x03 and
Register 0x04) and programming the output divider (divide by
1/2/4/6 … /60/62, in VCO_REG 0x02) in the VCO subsystem.
For detailed frequency tuning information and example, see the
Frequency Tuning section.
VCO SUBSYSTEM OVERVIEW
The VCO subsystem consists of a capacitor switched step tuned
VCO and an output stage. In typical operation, the VCO
subsystem is programmed with the appropriate capacitor switch
setting that is executed automatically by the PLL subsystem
autocalibration state machine when autocalibration is enabled
(Register 0x0A[11] = 0, see the VCO Calibration section for
more information). The VCO tunes to the fundamental
frequency (1500 MHz to 3000 MHz), and is locked by the CP
output from the PLL subsystem. The VCO subsystem controls
the output stage of the HMC832 enabling configuration of
•
User defined performance settings (see the Programmable
Performance Technology section) that are configured via
VCO_REG 0x03[1:0].
•
VCO output divider settings that are configured in the
VCO_REG 0x02 (divide by 2/4/6 … 60/62 to generate
frequencies from 25 MHz to 1500 MHz, or divide by 1 to
generate fundamental frequencies between 1500 MHz and
3000 MHz).
•
Output gain settings (VCO_REG 0x07[3:0]).
•
Output return loss setting (VCO_REG 0x03[5]). See
Figure 26 for more information.
•
Single-ended or differential output operation
(VCO_REG 0x03[3:2]).
•
Mute (VCO_REG 0x03[8:7]).
SPI (SERIAL PORT INTERFACE) CONFIGURATION
OF PLL AND VCO SUBSYSTEMS
The two subsystems (PLL subsystem and VCO subsystem) have
their own register maps as shown in the PLL Register Map and
VCO Subsystem Register Map sections. Typically, writes to both
register maps are required for initialization and frequency
tuning operations.
As shown in Figure 38, the PLL subsystem is connected directly
to the SPI of the HMC832, whereas the VCO subsystem is
connected indirectly through the PLL subsystem to the
RF_N
RF_P
VTUNE
REF BUFF
RF BUFFER EN
PLL BUFF
VSPI
VSPI
CAL
CONTROL
4
MODULATOR
CHARGE
PUMP
PHASE
FREQUENCY
DETECTOP
R
DIVIDER
PLL ONLY
XREFP
CEN
CP
SEN
SDI
SCK
LD_SDO
N
DIVIDER
CAL
VCO EN
CNTRL
fO OR ÷N OR ×2
3
Rev. A | Page 14 of 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com