Electronic Components Datasheet Search
  English  ▼

X  

HMC832LP6GETR Datasheet(PDF) 38 Page - Analog Devices

Part # HMC832LP6GETR
Description  Cellular infrastructure
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC832LP6GETR Datasheet(HTML) 38 Page - Analog Devices

Back Button HMC832LP6GETR Datasheet HTML 34Page - Analog Devices HMC832LP6GETR Datasheet HTML 35Page - Analog Devices HMC832LP6GETR Datasheet HTML 36Page - Analog Devices HMC832LP6GETR Datasheet HTML 37Page - Analog Devices HMC832LP6GETR Datasheet HTML 38Page - Analog Devices HMC832LP6GETR Datasheet HTML 39Page - Analog Devices HMC832LP6GETR Datasheet HTML 40Page - Analog Devices HMC832LP6GETR Datasheet HTML 41Page - Analog Devices HMC832LP6GETR Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
Data Sheet
HMC832
VCO SPI REGISTER
Register 0x05 is a special register used for indirect addressing of
the VCO subsystem. Writes to Register 0x05 are automatically
forwarded to the VCO subsystem by the VCO SPI state
machine controller.
Register 0x05 is a read/write register. However, Register 0x05
holds only the contents of the last transfer to the VCO subsystem.
Therefore, it is not possible to read the full contents of the VCO
subsystem. Only the content of the last transfer to the VCO
subsystem can be read. Also note special considerations for
autocalibration related to Register 0x05.
Table 19. Register 0x05, VCO SPI Register (Default 0x000000)
Bits
Type
Name
Width
Default
Description
2:0
R/W
VCO_ID
3
0
Internal VCO subsystem ID.
6:3
R/W
VCO_REGADDR
4
0
VCO subsystem register address. These bits are for
interfacing with the VCO. See the VCO Serial Port Interface
(VSPI) section.
15:7
R/W
VCO_DATA
9
0
VCO subsystem data. These bits are for the data to be
written to the VCO subsystem.
DELTA-SIGMA CONFIGURATION
Table 20. Register 0x06, Delta-Sigma Configuration Register (Default 0x200B4A)
Bit
Type
Name
Width
Default
Description
1:0
R/W
Seed
2
2
Selects the seed in fractional mode. Writes to this register are stored in
theHMC832 and are loaded into the modulator only when a frequency change is
executed and if Register 0x06[8] = 1.
00: 0 seed.
01: LSB seed.
02: 0xB29D08 seed.
03: 0x50F1CD seed.
6:2
R/W
Reserved
5
18d
Reserved.
7
R/W
FRAC_BYPASS
1
0
Bypass fractional mode. In the bypass fractional modulator, output is ignored, but
fractional modulator continues to be clocked when FRAC_RST = 1. This bit can be
used to test the isolation of the digital fractional modulator from the VCO output
in integer mode.
0: use modulator, required for fractional mode
1: bypass modulator, required for integer mode.
10:8
R/W
Initialization
3
3d
Program to 7d.
11
R/W
SD enable
This bit controls whether autocalibration starts on an integer or a fractional write.
1
1
0: disables fractional core, use for integer mode or integer mode with CSP.
1: enables fractional core, required for fractional mode, or integer isolation
testing.
20:12
R/W
Reserved
9
0
Reserved.
21
R/W
Automatic clock
configuration
1
1
Program to 0.
22
R/W
Reserved
1
0
Reserved.
Rev. A | Page 37 of 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com