Electronic Components Datasheet Search
  English  ▼

X  

HMC832LP6GETR Datasheet(PDF) 36 Page - Analog Devices

Part # HMC832LP6GETR
Description  Cellular infrastructure
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC832LP6GETR Datasheet(HTML) 36 Page - Analog Devices

Back Button HMC832LP6GETR Datasheet HTML 32Page - Analog Devices HMC832LP6GETR Datasheet HTML 33Page - Analog Devices HMC832LP6GETR Datasheet HTML 34Page - Analog Devices HMC832LP6GETR Datasheet HTML 35Page - Analog Devices HMC832LP6GETR Datasheet HTML 36Page - Analog Devices HMC832LP6GETR Datasheet HTML 37Page - Analog Devices HMC832LP6GETR Datasheet HTML 38Page - Analog Devices HMC832LP6GETR Datasheet HTML 39Page - Analog Devices HMC832LP6GETR Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
Data Sheet
HMC832
RF PROGRAMMABLE OUTPUT RETURN LOSS
The HMC832 features programmable RF output return loss
(VCO_REG 0x03[5]) and 12 dB of programmable gain
(VCO_REG 0x07[3:0]), as shown in Figure 26 and Figure 25.
Maximum output power is achieved with a high return loss
setting (VCO_REG 0x03[5] = 0), as shown in Figure 22. Setting
VCO_REG 0x03[5] = 1 improves return loss for applications
that require it at the cost of reduced RF output power (see
Figure 22).
MUTE MODE
The HMC832 features a configurable mute mode, along with the
ability to independently turn off outputs on both RF_N and
RF_P output pins. Figure 35 shows isolation measured at the
output when the mute mode is on (VCO_REG 0x03[8:7] = 3d),
and when the mute mode is off (VCO_REG 0x03[8:7] = 1d), with
either both outputs disabled (VCO_REG 0x03[3:2] = 0) or one
output enabled and the other disabled (VCO_REG 0x03[3:2] = 1d).
Rev. A | Page 35 of 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com