Electronic Components Datasheet Search
  English  ▼

X  

HMC832LP6GETR Datasheet(PDF) 11 Page - Analog Devices

Part # HMC832LP6GETR
Description  Cellular infrastructure
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC832LP6GETR Datasheet(HTML) 11 Page - Analog Devices

Back Button HMC832LP6GETR Datasheet HTML 7Page - Analog Devices HMC832LP6GETR Datasheet HTML 8Page - Analog Devices HMC832LP6GETR Datasheet HTML 9Page - Analog Devices HMC832LP6GETR Datasheet HTML 10Page - Analog Devices HMC832LP6GETR Datasheet HTML 11Page - Analog Devices HMC832LP6GETR Datasheet HTML 12Page - Analog Devices HMC832LP6GETR Datasheet HTML 13Page - Analog Devices HMC832LP6GETR Datasheet HTML 14Page - Analog Devices HMC832LP6GETR Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
HMC832
Data Sheet
Figure 15. Low Frequency Performance, 100 MHz XTAL, PD Frequency =
50 MHz, Loop Filter Type 3 (See Table 12), Integer Mode, 50 MHz Low-Pass
Filter at the Output of HMC832 for the 25 MHz Curve Only, Charge Pump Set to
Maximum Value
Figure 16. Typical Spurious Emissions at 2000.1 MHz, Tunable Reference,
Loop Filter Type 2 (see Table 12 and the Loop Filter and Frequency Changes
Section)
Figure 17. Open-Loop Phase Noise
Figure 18. Typical Spurious Emissions at 2000.1 MHz, 50 MHz Fixed
Reference, 50 MHz PD Frequency, Integer Boundary Spur Inside the Loop
Filter Bandwidth (See the Loop Filter and Frequency Changes Section)
Figure 19. Typical Spurious vs. Offset from 2 GHz, Fixed 50 MHz Reference vs.
Tunable 47.5 MHz Reference (See the Loop Filter and Frequency Changes
Section)
Figure 20. Open-Loop Phase Noise vs. Frequency at Various Temperatures
–170
–160
–150
–140
–130
–120
OFFSET (Hz)
100
1k
10k
100k
1M
10M
100M
100MHz OUTPUT
55.55MHz OUTPUT
25MHz OUTPUT
–180
–160
–140
–120
–100
–80
–60
OFFSET (Hz)
1k
10k
100k
1M
10M
100M
–180
–160
–140
–120
–100
–80
–40
–60
OFFSET (Hz)
1k
10k
100k
1M
10M
100M
HIGH PERFORMANCE MODE ON
(VCO_REG0x03[1:0] = 3d)
2854MHz
2453MHz
2013MHz
1587MHz
–180
–160
–140
–120
–100
–80
–60
OFFSET (Hz)
1k
10k
100k
1M
10M
100M
–120
–110
–100
–90
–80
–70
–60
OUTPUT FREQUENCY (kHz)
2000.01
2000.1
2001
TYPICAL SPURIOUS VS. OFFSET FROM 2GHz,
TUNABLE REFERENCE ~47.5MHz
TYPICAL SPURIOUS VS. OFFSET FROM 2GHz,
FIXED REFERENCE = 50MHz
–170
–160
–150
–140
–130
–120
–110
–100
1000
100
FREQUENCY (MHz)
300
3000
30
100kHz OFFSET
ALL MODES
1MHz OFFSET
ALL MODES
100MHz OFFSET
HIGH PERFORMANCE
MODE
100MHz OFFSET
LOW CURRENT MODE
–40°C
+27°C
+85°C
Rev. A | Page 10 of 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com