Electronic Components Datasheet Search
  English  ▼

X  

HMC832LP6GETR Datasheet(PDF) 27 Page - Analog Devices

Part # HMC832LP6GETR
Description  Cellular infrastructure
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC832LP6GETR Datasheet(HTML) 27 Page - Analog Devices

Back Button HMC832LP6GETR Datasheet HTML 23Page - Analog Devices HMC832LP6GETR Datasheet HTML 24Page - Analog Devices HMC832LP6GETR Datasheet HTML 25Page - Analog Devices HMC832LP6GETR Datasheet HTML 26Page - Analog Devices HMC832LP6GETR Datasheet HTML 27Page - Analog Devices HMC832LP6GETR Datasheet HTML 28Page - Analog Devices HMC832LP6GETR Datasheet HTML 29Page - Analog Devices HMC832LP6GETR Datasheet HTML 30Page - Analog Devices HMC832LP6GETR Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
HMC832
Data Sheet
translates to a 1.2 Hz error. The exact frequency mode of the
HMC832 addresses this issue and can eliminate quantization
error by programming the channel step size to fPD/10 in
Register 0x0C to 10 (in this example). More generally, this
feature can be used whenever the desired frequency, fVCO, can be
exactly represented on a step plan where there are an integer
number of steps (<214) across integer-N boundaries.
Mathematically, this situation is satisfied if
≥
=
=
14
1
2
and
)
,
(
where
0
)
mod(
PD
GCD
PD
VCO
GCD
GCD
VCOk
f
f
f
f
GCD
f
f
f
(16)
where:
GCD means greatest common divisor.
fPD = frequency of the phase detector.
fVCOk is the channel step frequency where 0 < k < 224−1, as shown
in Figure 46.
Some fractional PLLs are able to achieve these exact frequencies
by adjusting (shortening) the length of the phase accumulator
(the denominator or the modulus of the Δ-Σ modulator) so that
the Δ-Σ modulator phase accumulator repeats at an exact
period related to the interval frequency (fVCOk − fVCO(k−1)) in
Figure 46. Consequently, the shortened accumulator results in
more frequent repeating patterns and as a result often leads to
spurious emissions at multiples of the repeating pattern period,
or at harmonic frequencies of fVCOk − fVCO(k−1). For example, in
some applications, these intervals might represent the spacing
between radio channels, with the spurious occurring at
multiples of the channel spacing.
In comparison, the Analog Devices method is able to generate
exact frequencies between adjacent integer-N boundaries while
still using the full 24-bit phase accumulator modulus, thus
achieving exact frequency steps with a high phase detector
comparison rate, which allows Analog Devices PLLs to maintain
excellent phase noise and spurious performance in the exact
frequency mode.
Figure 46. Exact Frequency Tuning
INTEGER
BOUNDARY
INTEGER
BOUNDARY
fN + 1 – fN = fPD
fN
fVCO1
fVCO2
fVCO3
fVCO = fVCO2
fVCO4
fN + 1
fVCO14
fVCO14 – 1
fVCO14 – 2
Rev. A | Page 26 of 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com