Electronic Components Datasheet Search
  English  ▼

X  

WM9713L Datasheet(PDF) 43 Page - Wolfson Microelectronics plc

Part # WM9713L
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713L Datasheet(HTML) 43 Page - Wolfson Microelectronics plc

Back Button WM9713L Datasheet HTML 39Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 40Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 41Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 42Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 43Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 44Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 45Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 46Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 47Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 111 page
background image
Preliminary Technical Data
WM9713L
1
PTD, March 2004, Rev 2.2
43
SINGLE MIC OPERATION
Up to three microphones can be connected in a single-ended configuration. Any one of the three
MICs can be selected as the input to MPA using MPASEL[1:0] (Register 22h, bits 13:12). Only the
microphone on MIC2B can be selected to MPB. Note that MPABST always sets the gain for the
selected MPA input microphone. If MIC2B is the selected input for MPA it is recommended that MPB
is disabled.
DUAL MIC OPERATION
Up to two microphones can be connected in a dual differential configuration. This is suitable for
stereo microphone or noise cancellation applications. Mic1 is connected between the MIC2A and
MICCM inputs and mic2 is connected between the MIC2B and MICCM inputs as shown in Figure 13.
Additionally, another microphone can be supported on MIC1 selected through the MPA input mux.
Note that the microphones can be connected in a single-ended configuration.
Figure 13 Dual Microphone Configuration
MICROPHONE BIASING CIRCUIT
The MICBIAS output provides a low noise reference voltage suitable for biasing electret type
microphones and the associated external resistor biasing network. Refer to the Applications
Information section for recommended external components. The MICBIAS voltage can be altered via
MBVOL
in
register
22h.
When
MBVOL=0,
MICBIAS=0.9*AVDD
and
when MBVOL=1,
MICBIAS=0.75*AVDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com