Electronic Components Datasheet Search
  English  ▼

X  

WM9713L Datasheet(PDF) 86 Page - Wolfson Microelectronics plc

Part # WM9713L
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713L Datasheet(HTML) 86 Page - Wolfson Microelectronics plc

Back Button WM9713L Datasheet HTML 82Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 83Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 84Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 85Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 86Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 87Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 88Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 89Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 90Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 111 page
background image
WM9713L
Preliminary Technical Data
1
PTD, March 2004, Rev 2.2
86
AC-LINK POWERDOWN
SYNC
BITCLK
SDATAOUT
WRITE
TO 0X20
DATA PR4
DON'T
CARE
SDATAIN
SLOT 1
SLOT 2
t
S2_PDOWN
Figure 31 AC-Link Powerdown Timing
AC-Link powerdown occurs when PR4 (register 26h, bit 12) is set (see “Power Management”
section).
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
End of Slot 2 to BITCLK and SDATAIN
low
tS2_PDOWN
1.0
µs
COLD RESET (ASYNCHRONOUS, RESETS REGISTER SETTINGS)
RESETB
BITCLK
t
RST_LOW
t
RST2CLK
Figure 32 Cold Reset Timing
Note:
For correct operation SDATAOUT and SYNC must be held LOW for entire RESETB active
low period otherwise the device may enter test mode. See AC'97 specification or Wolfson
applications note WAN104 for more details.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
RESETB active low pulse width
tRST_LOW
1.0
µs
RESETB inactive to BITCLK startup
delay
tRST2CLK
162.8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com