Electronic Components Datasheet Search
  English  ▼

X  

WM9713L Datasheet(PDF) 88 Page - Wolfson Microelectronics plc

Part # WM9713L
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713L Datasheet(HTML) 88 Page - Wolfson Microelectronics plc

Back Button WM9713L Datasheet HTML 84Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 85Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 86Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 87Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 88Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 89Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 90Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 91Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 92Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 111 page
background image
WM9713L
Preliminary Technical Data
1
PTD, March 2004, Rev 2.2
88
REGISTER MAP
R e g
N am e
15
14
13
12
11
10
98765432
1
0
D e f a u lt
R eset
0
SE4
SE3
SE2
SE1
SE0
ID9
ID8
ID7
ID6
ID5
ID4
ID3
ID2
ID 1
ID 0
6 174 h
Sp eaker V o lume
M UL
ZCL
M UR
ZCR
8080h
Headphone V o lume
M UL
ZCL
M UR
ZCR
8080h
OUT3 /4 V o lume
M U4
ZC 4
M U 3
ZC3
8080h
M ON O V o l & M ONOIN PGA V o l
/ Ro ut ing
M 2 H
M 2S
0
M U
ZC
C880h
LINEIN PGA V olume / Rout ing
L2 H
L2S
L2 M
0
0
0
E808h
D A C PGA V o lume / Rout ing
D 2 H
D 2S
D 2 M
0
0
0
E808h
M IC PGA V o lume
0
0
0
0
0
0
0808h
M IC Ro ut ing
00000000
M A 2 M
M B 2 M
M IC2 M
BST
00DA h
R eco rd PGA V olume
RM U
GRL
ZC
GRR
8000h
R eco rd Ro ut ing / M ux Select
R2 M
BST
0REC
BST
D600h
PCB EEP V o lume / Ro ut ing
B 2 H
B 2 S
B 2 M
0
0
0
0
AAA0 h
V xDA C Vo lume / Ro ut ing
V 2 H
V 2 S
V2 M
0
0
0
0
AAA0 h
A UXDA C V o lume / R o ut ing
A 2 H
A 2 S
A2 M
0
0
0
0
AAA0 h
Out p ut PGA M ux Select
0000h
D A C 3D C ont rol & IN V M ux
Select
0
0
0
0
3DLC
3DUC
0000h
D A C To ne Co nt ro l
B B
0
0
B C
0
DA T
0
TC
0 F0 Fh
M IC Inp ut Select & B ias / Det ect
Ctrl
MB OP
2EN
MB OP1
EN
M BVO
L
0040h
Out p ut V o lume M ap p ing (Jack
Insert )
00000000000
JIEN
0000h
Po werd o w n Ct rl/St at
0
PR 6
PR5
PR4
PR3
PR2
PR1
PR0
0000
REF
A NL
DA C
A DC
7F0 0 h
Ext end ed A ud io ID
ID 1
ID 0
0
0
REV 1
REV 0
A M A P
LDA C
SD A C
CD A C
0
0
V RM
SPDIF
DR A
V RA
0405h
Ext 'd A ud io St at /Ct rl
00000
SPCV
0
000
0
SEN
0
V RA
0 4 10 h
A udio D A Cs Sample R at e
B B 80h
AUX DAC Samp le Rat e
B B 80h
A udio A DCs Sample R at e
B B 80h
PCM codec co nt ro l
CTRL
SW A P
V D A C
OSR
CP
FSP
4 523h
SPDIF co nt ro l
V
D RS
L
PR E
COPY
A U D IB
PRO
2000h
Po werd o w n (1)
PA D CP
D
VM ID
1M
TSHUT
VXDA
C
AUX D
AC
M B IA S
PLL
1
D A CL
DA CR
A DCL
A DCR
HPLX
HPRX
SPKX
M X
FEFFh
Po werd o w n (2 )
M CD
M IC
BIAS
M ON O
OUT4
OU T3
HPL
HPR
SPKL
SPKR
LL
LR
M OIN
M A
M B
M PA
M PB
FFFFh
General Purp o se
0
0
3 DE
00000
LB
0000
000
0000h
Fast Po w er-Up C o nt ro l
000000000
M ONO
SPKL
SPKR
HPL
HPR
OUT3
OUT4
0000h
M CLK / PLL Co nt ro l
0
CLKSR
C
0
CLKB X
2
CLKA X
2
CLKM U
X
0080h
M CLK / PLL Co nt ro l
LF
SDM
DIV SEL DIV CTL
0
0000h
GPIO Pin Co nf ig urat io n
1111111
GC8
GC7
GC 6
GC 5
GC 4
GC 3
GC2
GC1
0
FFFEh
GPIO Pin Po larit y / Typ e
C1P
C 2 P
PP
A P
TP
SP
M P
GP8
GP7
GP6
GP5
GP4
GP3
GP2
GP1
1
FFFFh
GPIO Pin St icky
C1S
C 2 S
PS
A S
TS
SS
M S
GS8
GS7
GS6
GS5
GS4
GS3
GS2
GS1
0
0000h
GPIO Pin W ake-U p
C 1W
C2 W
PW
A W
TW
SW
M W
GW 8
GW 7
GW 6
GW 5
GW 4
GW 3
GW 2
GW 1
0
0000h
GPIO Pin St at us
C1I
C2 I
PI
A I
TI
SI
M I
GI8
GI7
GI6
GI5
GI4
GI3
GI2
GI1
0
GPIO p ins
GPIO Pin Sharing
1111111
GE8
GE7
GE6
GE5
GE4
GE3
GE2
1
0
FFFEh
GPIO Pull UP/DOW N Ct rl
PU 8
PU7
PU6
PU5
PU4
PU3
PU2
PU1
PD8
PD 7
PD6
PD 5
PD 4
PD 3
PD 2
PD1
4000h
A d d it io nal Funct io ns (1)
0000
RSTDIS
W A KEE
N
IRQ
INV
0000h
A d d it io nal Funct io ns (2 )
A MUTE
C1REF
C2 REF
0
A M EN
A DCO
HPF
0
0000h
A LC Co nt ro l
B 032h
A LC / N o ise Gat e Co nt ro l
A LCZC
N GA T
0
NGG
3 E0 0 h
AUX DAC inp ut co nt ro l
X SLE
0000h
Test Reg ist er (1)
EV A L
C A SLP
EN B
CM PTS
T
A DCTS
T
VM IDB
P
XC LKE
NB
DITHEN
B
MUTEJ
EN B
DC CA P
DPI
0060h
Test Reg ist er (2 )
B ISTEN 3 D TST
EN
DA CTS
TEN
INTLPB
CK
3 DCLK3 D B PB M ON
CN T
0A LCTS
T
RM PD
NENB
RA M IN
IT
0000h
Test Reg ist er (3 )
0
0
0
IB STG
BL
IB STPA
DC
HIOP
HIM IX
HIPGA
HIDA C
HIA DC I
P
0000h
Test Reg ist er (4 )
TSTLF
TSTD IG TSTLK
TSTRS
T
00000
CLKDE
TEN B
VGPIO
_RST
VGPIO
_ SET
WP_ B
CLK
WP_ M
CLK
0000h
D ig it iser R eg 1
000000
POLL
CTC
C OO
0000h
D ig it iser R eg 2
000000
SLEN
0006h
D igit iser R eg 3
R PR
45W
PDEN
PDPOL
W A IT
PIL
0001h
Dig itiser Read B ack
PNDN
0000h
V endor ID1
574 Dh
V endor ID2
4C13 h
PENDIV
DCD RV SEL
EA RSPKSEL
M ODE
DIV
SEL
W L
FM T
SPSR
CC (C at eg o ry Co d e)
7Eh
A SCII charact er “ L”
“ 13 ” (ind icat es p art numb er W M 9 713 )
AUX DACSLT
A UX D A C VAL
IB STM P
A DCSEL
7A h
A DCSR C
A DC D (TOUC HPA NEL A DC Y D A TA )
7C h
A SC II charact er “ W ”
A SCII charact er “ M ”
DEL
SLT
78 h
PRP
MSK
RPU
74 h
76 h
CR
RA M TST
6Ch
IA DC
6Eh
VD ACTSTEN
D W A M OD E
THERM SHUT
6A h
PEN A DCTST
64 h
68 h
DM ODE
ASS
60 h
6 2 h
A LC SEL
M A X GA IN
ZCTIM EOUT
N GTH (t hresho ld )
A LCL (t arg et level)
HLD (ho ld t ime)
5C h
C1SRC
C2 SR C
VBIAS
58 h
5A h
C OM P2 DEL
Die Revisio n
HPM ODE
JSEL
50 h
52 h
54 h
56 h
4Ch
4Eh
40 h
42 h
44 h
46 h
3Ch
3Eh
36 h
3A h
2Eh
AU XDAC SR (Auxiliary DA C Samp le Rat e)
32 h
A DCSR (A ud io A DCs Samp le R at e)
2A h
SPSA
2Ch
DA CSR (A ud io DA Cs Samp le R at e)
24 h
26 h
DCY (d ecay t ime)
A TK (at t ack t ime)
N[ 3:0]
PGA DDR
PGD A TA
SEX T[ 6:4]
SEX T[ 3:0]
28 h
20 h
BASS
TR B L
2 2 h
M ICCM PSEL
M PA SEL
M PA B ST
M PB B ST
M CDTHR
M C DSCTHR
1Eh
IN V A
INV B
3 DDEPTH
HPL
HPR
OU T3
OUT4
1C h
M ONO
SPKL
SPKR
1A h
A 2HV OL
A 2SV OL
A 2 M V OL
18 h
V 2HV OL
V 2SV OL
V 2 M V OL
REC SL
REC SR
16 h
B 2HV OL
B 2SV OL
B 2 M V OL
14 h
R2 H
R2 HV OL
R2 M
10 h
MIC2 H
M IC2 HV OL
12 h
(Ext end ed )
REC V OLL
(Ext end ed )
RECV OLR
0Ch
D A CLVOL
DAC RV OL
0Eh
M IC AVOL
M ICB V OL
08 h
M ONOINV OL
M ONOV OL
0A h
LINELV OL
LIN ERV OL
06 h
OUT4 V OL
OUT3 V OL
04 h
HPLV OL
HPRV OL
00 h
02 h
SPKLV OL
SPKRV OL
Table 67 WM9713L Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com