Electronic Components Datasheet Search
  English  ▼

X  

WM9713L Datasheet(PDF) 79 Page - Wolfson Microelectronics plc

Part # WM9713L
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713L Datasheet(HTML) 79 Page - Wolfson Microelectronics plc

Back Button WM9713L Datasheet HTML 75Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 76Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 77Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 78Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 79Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 80Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 81Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 82Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 83Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 111 page
background image
Preliminary Technical Data
WM9713L
1
PTD, March 2004, Rev 2.2
79
Note: GPIO7 (Pin 11) has an independent RESETB function. This must be disabled using RSTDIS (Register 5Ah, bit 8)
before using Pin 11 as a GPIO / PENDOWN.
The properties of the GPIOs are controlled through registers 4Ch to 52h, as shown below.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4Ch
n
GCn
1
GPIO Pin Configuration
0: Output
1: Input
GC9-15 are always ‘1’
GPIO Pin Polarity / Type
Input (GCn=1)
Output (GCn=0)
4Eh
n
GPn
1
0: Active Low
1: Active High
[GIn = pin level XNOR
GPn]
0: Active High
1: Active low
50h
n
GSn
0
GPIO Pin Sticky
1: Sticky
0: Not Sticky
52h
n
GWn
0
GPIO Pin Wake-up
1: Wake Up (generate interrupts from this pin)
0: No wake-up (no interrupts generated)
54h
n
GIn
N/A
GPIO Pin Status
Read: Returns status of each GPIO pin
Write: Writing ‘0’ clears sticky bit
Table 61 GPIO Control
The following procedure is recommended for handling interrupts:
When the controller receives an interrupt, check register 54h. For each GPIO bit in descending order
of priority, check if the bit is ‘1’. If yes, execute corresponding interrupt routine, then write ‘0’ to
corresponding bit in 54h. If no, continue to next lower priority GPIO. After all GPIOs have been
checked, check if interrupt still present or no. If yes, repeat procedure. If no, then jump back to
process that ran before the interrupt.
If the system CPU cannot execute such an interrupt routine, it may be preferable to switch internal
signals (such as PENDOWN) directly onto the GPIO pins. However, in this case the interrupt signals
cannot be made sticky, and more GPIO pins are tied up both on the WM9713L and on the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com