Electronic Components Datasheet Search
  English  ▼

X  

WM9713L Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM9713L
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713L Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM9713L Datasheet HTML 6Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 7Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 8Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 9Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 10Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 11Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 12Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 13Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 111 page
background image
WM9713L
Preliminary Technical Data
1
PTD, March 2004, Rev 2.2
10
TOUCHPANEL AND AUXILIARY ADC
Test Conditions
DBVDD=3.3V, DCVDD = 3.3V, AVDD = TPVDD = 3.3V, TA = +25
oC, MCLK = 24.576 MHz, unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Pins X+, X-, Y+, Y-, WIPER/AUX4, COMP1/AUX1, COMP2/AUX2
Input Voltage
AGND
AVDD
V
Input leakage current
AUX pin not selected as
AUX ADC input
<10
nA
ADC Resolution
12
bits
Differential Non-Linearity Error
DNL
±0.25
±1
LSB
Integral Non-Linearity Error
INL
±2
LSB
Offset Error
±4
LSB
Gain Error
±6
LSB
Power Supply Rejection
PSRR
50
dB
Channel-to-channel isolation
80
dB
Throughput Rate
DEL = 1111
(zero settling time)
48
kHz
Settling Time (programmable)
MCLK = 24.576MHz
0
6
ms
Switch matrix resistance
20
Ω
Programmable Pull-up resistor
RPU
RPU = 000001
1
63
k
Ω
Pen down detector threshold
VDD/2
V
PIL = 1
400
Pressure measurement current
IP
PIL = 0
200
µA
COMPARATORS
Test Conditions
AVDD = 3.3V, TA = +25
oC, unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
COMP1/AUX1 and COMP2/AUX2 (pins 29, 30 – when not used as mic inputs)
Input Voltage
AGND
AVDD
V
Input leakage current
pin not selected as AUX
ADC input
<10
nA
Comparator Input Offset
(COMP1, COMP2 only)
-50
+50
mV
COMP2 delay (COMP2 only)
MCLK = 24.576MHz
0
10.9
s
REFERENCE VOLTAGES
Test Conditions
DBVDD=3.3V, DCVDD = 3.3V, AVDD = 3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Audio ADCs, DACs, Mixers
Reference Input/Output
CAP2 pin
1.63
1.65
1.66
V
Buffered Reference Output
VREF pin
1.64
1.65
1.67
V
Microphone Bias
Bias Voltage
VMICBIAS
2.92
2.97
3.00
V
Bias Current Source
IMICBIAS
3
mA
Output Noise Voltage
Vn
1K to 20kHz
15
nV/
√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com