Electronic Components Datasheet Search
  English  ▼

X  

WM9713L Datasheet(PDF) 65 Page - Wolfson Microelectronics plc

Part # WM9713L
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713L Datasheet(HTML) 65 Page - Wolfson Microelectronics plc

Back Button WM9713L Datasheet HTML 61Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 62Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 63Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 64Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 65Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 66Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 67Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 68Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 69Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 111 page
background image
Preliminary Technical Data
WM9713L
1
PTD, March 2004, Rev 2.2
65
INITIATION OF MEASUREMENTS
The WM9713L touchpanel interface supports both polling routines and DMA (direct memory access)
to control the flow of data from the touchpanel ADC to the host CPU.
In a polling routine, the CPU starts each measurement individually by writing to the POLL bit (register
74h, bit 9). This bit automatically resets itself when the measurement is completed.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
9
POLL
0
Writing “1” initiates a measurement.
(when CTC is not set)
74h
8
CTC
0
0: Polling mode
1: Continuous mode (for DMA)
76h
9:8
CR
00
Continuous mode rate (DEL
1111)
00: 93.75 Hz (every 512 AC-Link frames)
01: 120 Hz (every 400 AC-Link frames)
10: 153.75 Hz (every 312 AC-Link frames)
11: 187.5Hz (every 256 AC-Link frames)
Continuous mode “fast rate” (DEL = 1111)
00: 8 kHz (every six AC-Link frames)
01: 12 kHz (every four AC-Link frames)
10: 24 kHz (every other AC-Link frame)
11: 48 kHz (every AC-Link frame)
11
PDEN
0
0: measure regardless of pen status
1: measure only when pen is down (when
CTC=0 and POLL=1, measurement is
delayed until pen-down; when CTC=1,
measurements are stopped on pen-up)
78h
10
PDPOL
0
Sets polarity of PENDOWN flag:
0: non-inverted
1: inverted
Table 47 Touchpanel Digitiser Control (Initiation of Measurements)
In continuous mode (CTC = 1), the WM9713L autonomously initiates measurements (or sets of
measurements) at the rate set by CR, and supplies the measured data to the CPU on one of the
unused AC’97 time slots. DMA-enabled CPUs can write the data directly into a FIFO without any
intervention by the CPU core. This reduces CPU loading and speeds up the execution of user
programs in handheld systems.
Note that the measurement frequency in continuous mode is also affected by the DEL bits (see
“Touchpanel Settling Time”). The faster rates achieved when DEL = 1111 may be useful when the
ADC is used for auxiliary measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com