Electronic Components Datasheet Search
  English  ▼

X  

WM9713L Datasheet(PDF) 50 Page - Wolfson Microelectronics plc

Part # WM9713L
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713L Datasheet(HTML) 50 Page - Wolfson Microelectronics plc

Back Button WM9713L Datasheet HTML 46Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 47Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 48Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 49Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 50Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 51Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 52Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 53Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 54Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 111 page
background image
WM9713L
Preliminary Technical Data
1
PTD, March 2004, Rev 2.2
50
ANALOGUE AUDIO OUTPUTS
The following sections give an overview of the analogue audio output pins. The WM9713L has three
outputs capable of driving loads down to 16
Ω (headphone / line drivers) – HPL, HPR and MONO -
and four output capable of driving loads down to 8
Ω (loudspeaker / line drivers) – SPKL, SPKR,
OUT3 and OUT4. The combination of output drivers, mixers and mixer inverters means that many
output configurations can be supported.
For examples of typical output and mixer configurations please refer to the “Typical Output
Configurations” section. For more information on recommended external components, please refer to
the “Applications Information” section.
Each output is driven by a PGA with a gain range of 0dB to -46.5dB in -1.5dB steps. Each PGA has
an input source mux, mute and zero-cross detect circuit (delaying gain changes until a zero-cross is
detected, or after time-out).
HEADPHONE OUTPUTS – HPL AND HPR
The HPL and HPR outputs (pins 39 and 41) are designed to drive a 16
Ω or 32Ω headphone load.
They can also be used as line outputs. They can be used in and AC coupled or DC coupled (capless)
configuration. The available input sources are HPMIXL/R and Vmid (see Table 31).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7:6
HPL
00 (Vmid)
HPL input source select
00: Vmid
01: no i/p (ZH if buffer disabled)
10: HPMIXL
11: unused
1Ch
Output PGA
Mux Select
5:4
HPR
00 (Vmid)
HPR input source select
00: Vmid
01: no i/p (ZH if buffer disabled)
10: HPMIXR
11: unused
Table 31 HPL / HPR PGA Input Source
The signal volume on HPL and HPR can be independently adjusted under software control by writing
to register 04h.
When not in use HPL and HPR can be powered down using the Powerdown register bits HPL and
HPR (register 3Eh, bits [10:9]). To minimise pops and clicks when the PGA is powered down / up it is
recommended that the Vmid input is selected during the power down / up cycle. This ensures the
same DC level is maintained on the output pin throughout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com