Electronic Components Datasheet Search
  English  ▼

X  

WM9713L Datasheet(PDF) 80 Page - Wolfson Microelectronics plc

Part # WM9713L
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713L Datasheet(HTML) 80 Page - Wolfson Microelectronics plc

Back Button WM9713L Datasheet HTML 76Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 77Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 78Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 79Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 80Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 81Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 82Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 83Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 84Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 111 page
background image
WM9713L
Preliminary Technical Data
1
PTD, March 2004, Rev 2.2
80
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2
GE2
1
GPIO2 / IRQ output select
0: Pin 45 disconnected from GPIO logic
set 4Ch, bit 2 to ‘0’ to output IRQ signal
1: Pin 45 connected to GPIO logic (IRQ
disabled)
3
GE3
1
GPIO3 / PENDOWN output select
0: Pin 46 disconnected from GPIO logic
set 4Ch, bit 3 to ‘0’ to output PENDOWN
signal
1: Pin 46 connected to GPIO logic
4
GE4
1
GPIO4 / ADA / MASK output select
0: Pin 47 disconnected from GPIO logic
set 4Ch, bit 4 to ‘0’ to output ADA signal
set 4Ch, bit 4 to ‘1’ to input MASK signal
1: Pin 47 connected to GPIO logic
5
GE5
1
GPIO5 / SPDIF output select
0: Pin 48 = SPDIF (disconnected from GPIO
logic)
set 4Ch, bit 5 to ‘0’ to output SPDIF signal
1: Pin 48 connected to GPIO logic (SPDIF
disabled)
6
GE6
1
GPIO6 / ADA / MASK output select
0: Pin 3 disconnected from GPIO logic
set 4Ch, bit 6 to ‘0’ to output ADA signal
set 4Ch, bit 6 to ‘1’ to input MASK signal
1: Pin 3 connected to GPIO logic
7
GE7
1
GPIO7 / PENDOWN output select
0: Pin 11 disconnected from GPIO logic
set 4Ch, bit 7 to ‘0’ to output PENDOWN
signal
1: Pin 11 connected to GPIO logic
56h
GPIO pins
function
select
8
GE8
1
GPIO8 / SPDIF output select
0: Pin 12 = SPDIF (disconnected from GPIO
logic)
set 4Ch, bit 8 to ‘0’ to output SPDIF signal
1: Pin 12 connected to GPIO logic (SPDIF
disabled)
Table 62 Using GPIO Pins for Non-GPIO Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com