Electronic Components Datasheet Search
  English  ▼

X  

0809061600 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # 0809061600
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809061600 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button 0809061600 Datasheet HTML 31Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 32Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 33Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 34Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 35Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 36Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 37Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 38Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 164 page
background image
Dimensions
mm
Dimensions
Inches
L x D x H
L x D x H
176 x 106 x 54/24
6.93 x 4.17 x 2.13/0.94
Model
Number
Part
Number
BP 810
45810000 00
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
33
• Can be used as a console or handheld unit.
• Elegant ergonomic design, large membrane keypad area, single PC board technology,
clamp between lid and base, large front panel area, recessed installation area for
cable glands.
• Front panels can be processed separately without any problems and provides
adequate space for a wide range of connector designs.
BP 810 & BP 900 F Housings
Included in delivery
Lid, base, assembly screws, front panel, and rubber feet.
Technical Data
Color
Material
Ingress Protection
Surface Resistance
Flammability
Light gray, similar to RAL 7035. Special colors on request. Minimum order quantities apply.
ABS plastic
IP 40/DIN EN 60529
>1014 Ohm to DIN 53482
UL 94 HB/1.6
BP 810
BP 900-F
• Ideal for use as a charging operation terminal
• Base can be attached parallel to STD 900
• Enclosure ideally suited for use under extreme environmental conditions
• Have three different uses: flat position on a table, angled position
on a table, or wall mounted.
Technical Data
Color
Material
Ingress Protection
Surface Resistance
Flammability
Agate gray, similar to RAL 7038. Special colors on request. Minimum order quantities apply.
ABS plastic
IP 65/DIN EN 60529
>1014 Ohm to DIN 53482
UL 94 HB/1.6
L x D x H
L x D x H
211 x 100 x 118
8.31 x 3.94 x 1.65
Model
Number
Part
Number
BP 900 F
45900600 00
Dimensions
mm
Dimensions
Inches
Included in delivery
Lid, base, assembly screws, lid seal in groove (in
horizontal position), and 2 cover panels
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.
Left - BP 900 F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com