Electronic Components Datasheet Search
  English  ▼

X  

0809061600 Datasheet(PDF) 62 Page - List of Unclassifed Manufacturers

Part # 0809061600
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809061600 Datasheet(HTML) 62 Page - List of Unclassifed Manufacturers

Back Button 0809061600 Datasheet HTML 58Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 59Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 60Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 61Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 62Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 63Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 64Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 65Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 66Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 164 page
background image
www.Rose-Bopla.com
60
Accessories
Dimensions
mm
W x L x H
Dimensions
Inches
W x L x H
07192211 00
07282211 00
07422211 00
148 x 285 x 241
191 x 285 x 241
265 x 185 x 241
148 x 263.5 x 149
191 x 263.5 x 149
265 x 263.5 x 148
5.83 x 10.15 x 5.87
7.52 x 10.18 x 5.87
10.43 x 10.18 x 5.87
5.83 x 11.22 x 9.49
7.52 x 11.22 x 9.49
10.43 x 11.22 x 9.49
07193111 00
07283111 00
07423111 00
17193211 00
07283211 00
07423211 00
• Aluminum electronic enclosures, chassis fittings in three sizes
• Variable length options using profile technology
• Standard construction or version with connection compartment
• Optional Polycarbonate transparent cover
Profitronic Universal
Included in delivery
Enclosure system - depending on version either with cast
aluminum lids, connection compartment or transparent
cover; please order mounting elements separately.
Technical Data
Material
Ingress Protection
Opening Angle
Temperature Resistance
Surface Resistance
Color
Al Mg Si 0.5; connection compartment AlSi12
IP 65 EN 60529
For connection compartments and transparent covers 110°
Lid seals -40°F to + 212°F
Transparent cover -40° to +158°F; only suitable for external applications
Plastic resin stove-enamel finish
Light gray, similar to RAL 7035 - enclosure body and connection compartment
Stone gray, similar to RAL 7030 - enclosure lid and external fittings
Special colors on request
19TE
28TE
42TE
19TE
28TE
42TE
Type
Dimensions
Inches
Part Number
19" Mounting Frame
with Transparent Cover
Part Number
Front Panel Lid
Dimensions
mm
W x L x H
W x L x H
5.83 x 11.02 x 9.49
7.52 x 11.02 x 9.49
10.43 x 11.02 x 9.49
5.83 x 10.18 x 5.87
7.52 x 10.18 x 5.87
10.43 x 10.18 x 5.87
148 x 280 x 241
191 x 280 x 241
265 x 200 x 241
148 x 258.5 x 149
191 x 258.5 x 149
265 x 258.5 x 149
07192111 00
07282111 00
07422111 00
Part Number
07000100 00
07000200 00
07000017 00
07000018 00
07000019 00
07000010 00
07000011 00
07190030 00
07280030 00
07420030 00
10070018 00
07700081 00
Type 0719
0728
0742
External mounting for enclosure with connection compartment (set of 2)
External mounting for enclosures without connection compartment (set of 2)
Special lock with socket wrench for connection compartment (mounted)
Turning handle for transparent cover (mounted)
Cylinder lock, for transparent cover (mounted)
Board guides for PCB’s, fixed (set of 10)
Board guides for PCB’s; variable (set of 10)
Mounting plate for connection compartment
Self-adhesive table feet (set of 4)
Mounting feet (2 pieces)
Enclosure with connection compartment (63.5 mm)
Enclosure without connection compartment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com