Electronic Components Datasheet Search
  English  ▼

X  

0809061600 Datasheet(PDF) 85 Page - List of Unclassifed Manufacturers

Part # 0809061600
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809061600 Datasheet(HTML) 85 Page - List of Unclassifed Manufacturers

Back Button 0809061600 Datasheet HTML 81Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 82Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 83Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 84Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 85Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 86Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 87Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 88Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 89Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
83
37012315 00
37013421 00
37014315 00
37014621 00
37015521 00
37016415 00
37016821 00
37019900 00
• Switch gear cabinets with hinged door
• Mounting plate attachment above stud bolts / threaded weld nuts
• Surface polished all sides (240 grain)
• Custom sizes and versions available (25 piece minimum).
KSS Stainless Steel Switch Gear Cabinets
Included in delivery
Enclosure system with door, double ward lock, 4 x M6
threaded stud bolts in lid and 4 x M6 threaded weld nuts
in base.
Technical Data
Material
Ingress Protection
Temperature Range
Gasket
Surface
Stainless steel 1.25 mm or 1.5 mm 1.4301 / 304
IP 65 to EN 60529
-40°F to + 176°F
VMQ gasket (silicone) seal or PUR (polyurethane)
EMC on request
polished, 240 grain
Part Number
Dimensions
mm
Dimensions
Inches
Number of Locks
L x W x H
L x W x H
7.87 x 11.81 x 6.10
11.81 x 14.96 x 8.27
15.75 x 11.81 x 6.10
14.96 x 23.62 x 8.27
19.68 x 19.68 x 8.27
23.62 x 15.75 x 6.10
23.62 x 29.92 x 8.27
-
1
1
1
2
2
1
4
200 x 300 x 155
300 x 380 x 210
400 x 300 x 155
380 x 600 x 210
500 x 500 x 210
600 x 400 x 155
600 x 760 x 210
Special dimensions
Accessories
Part Number
37019901 00
37019902 00
37019903 00
37019904 00
37019905 00
37019906 00
37019907 00
Mounting plate for 37012305
Mounting plate for 37013421
Mounting plate for 37014315
Mounting plate for 37014621
Mounting plate for 37015521
Mounting plate for 37016415
Mounting plate for 37016821
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com