Electronic Components Datasheet Search
  English  ▼

X  

0809061600 Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # 0809061600
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809061600 Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button 0809061600 Datasheet HTML 60Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 61Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 62Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 63Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 64Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 65Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 66Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 67Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 164 page
background image
www.Rose-Bopla.com
62
Electronic systems are not made for the enclosures that house
them; rather the enclosures are made to hold the electronics. For
this reason, Bopla offers designers modular enclosures. These
enclosure systems are offered in many diverse sizes with a wide
range of possibilities for variation. This allows the individual
design to come to life.
Electronic device manufacturers look for “packaging” that meets
their requirements with regard to design and technology so that the
ultimate product can effectively answer the demands of the market.
The “package”, in this case, an enclosure made of plastic or metal,
is of tremendous importance to the marketability of the device.
Technical characteristics, price/performance comparisons, and the
appearance of the product can prove central to its success. The
extremely broad spectrum of different modular enclosure systems
from Bopla represents a remarkable selection of “standards” that
can be individualized.
Instrumentation
CombiCard 5000-7000
- 3 versions with dimensions from 175.7 mm to 323 mm for the front length
Intercard
- 1 version with dimensions from 212 x 198 x 162.5 mm
CombiSet
- 4 versions with dimensions from 224.5 to 252 mm
CombiNorm Classic
-2 versions with dimensions from 100 x 109.5 x 75 mm to 22.5 x 109.5 x 75 mm
CombiNorm Compact
- 3 versions with dimensions from 19 x 110 x 75 mm to 26 x 110 x 75 mm
CombiCard 1000-3000
- 3 versions with dimensions from 134 mm to 288 mm for the front length
Executive Plug Housings
- 7 versions with dimensions from 125 x 37 mm with height from 15 to 35 mm
SE 4 & SE 5 Plug Housings
-2 versions with dimensions from 65 x 50 x 30 to 120 x 65 x 66 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com