Electronic Components Datasheet Search
  English  ▼

X  

0809061600 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # 0809061600
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809061600 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button 0809061600 Datasheet HTML 33Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 34Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 35Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 36Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 37Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 38Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 39Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 40Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
35
L x W x H
Part Number
Description
Model Number
L x W x H
125 x 67.0 x 40
125 x 67.0 x 40
150 x 82 .0 x 45
150 x 82.0 x 45
200 x 112 x 64
200 x 112 x 64
4.92 x 2.64 x 1.57
4.92 x 1.64 x 1.57
5.91 x 3.23 x 1.77
5.91 x 3.23 x 1.77
7.87 x 4.41 x 2.52
7.87 x 4.41 x 2.52
• Console type housing suited for use as a desktop or wall-mount enclosure
• PD version features recessed display window for LCD displays and recessed
membrane keypads
• Wall mountable
• PC boards or mounting plates can be attached on mounting bosses in lid and base
• P version features a console-type lid with recessed continuous membrane keypad
area
Executive Sloped Front Housings
Included in delivery
Lid, base, 4 screws, and rear panel. PD version includes
display screen.
Technical Data
Color
Material
Ingress Protection
Surface Resistance
Flammability
Lid, light gray, similar to RAL 7035. Base, covers and rear panels, agate gray, similar to
RAL 7038. Special colors on request. Minimum order quantity 500+ pieces.
Impact-resistant polystyrene
Closed version: IP 40/DIN EN 60529
>1013 Ohm to DIN 53482
UL 94 HB/1.47
Model
Number
Part
Number
EG 1240 P
EG 1240 PD
EG 1545 P
EG 1545 PD
EG 2060 P
EG 2060 PD
32124070 00
32124080 00
32154570 00
32154580 00
32206010 00
32206000 00
Dimensions
mm
Dimensions
Inches
Set of screw covers for assembly screws, 4 piece pack
Covers for keyhole suspension, 2 piece pack
Rubber feet, pack of 4
Mounting plate for EG 1240
Mounting plate for EG 1545
Mounting plate for EG 2060
Accessories
EG-SA
EG-AK
EG-GF
EG-M-12
EG-M 15
EG-M 20
33000300 00
33000100 00
25002100 00
33012000 00
33015000 00
33020000 00
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.
P = Version with console-type lid
PD = Version with console-type lid and display opening



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com