Electronic Components Datasheet Search
  English  ▼

X  

0809061600 Datasheet(PDF) 68 Page - List of Unclassifed Manufacturers

Part # 0809061600
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809061600 Datasheet(HTML) 68 Page - List of Unclassifed Manufacturers

Back Button 0809061600 Datasheet HTML 64Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 65Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 66Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 67Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 68Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 69Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 70Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 71Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 72Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 164 page
background image
Depth
Inches
Depth
mm
Height
Inches
Height
mm
Length
mm
Part Number
Length
Inches
www.Rose-Bopla.com
66
21008310 00
27450000 00
27350000 00
Accessories
198
7.79
212
8.35
162.5
6.40
• Horizontal and vertical insertion slots for PCBs
• Door hinge system can be mounted on the right or left side
• Wall mounting (three-or four-point) is outside the sealed lip, so it does not affect the
ingress protection IP 65
• Terminal compartment covers locks in the open position
Included in delivery
Base, hinged clear lid, mounted with snap lock;
terminal compartment cover; screws; threaded inserts
for mounting plates.
Technical Data
Color
Material
Gasket
Temperature Range
Ingress Protection
Surface Resistance
Disruptive Strength
Flammability
Light gray, similar to RAL 7035. Special colors available on request. Minimum order
applies.
ABS, clear Polycarbonate lid.
Neoprene
up to 167°F
IP 65 / DIN EN 60529
ABS, >1014 Ohm to DIN 53482. Polycarbonate, >1015 Ohm to DIN 53482
Polycarbonate, 28 KV/mm to DIN 53481
ABS, UL 94 HB/1.6. Polycarbonate, UL 94 V2/1.14
Model
IC 5000
07500000 00
InterCard
SHLO-302
MP 5000
FA 5000
Cylinder catch
Mounting plate, screws
Front panel, screws
Type
Part Number
Version
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com