Electronic Components Datasheet Search
  English  ▼

X  

0809061600 Datasheet(PDF) 75 Page - List of Unclassifed Manufacturers

Part # 0809061600
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809061600 Datasheet(HTML) 75 Page - List of Unclassifed Manufacturers

Back Button 0809061600 Datasheet HTML 71Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 72Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 73Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 74Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 75Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 76Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 77Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 78Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 79Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
73
Model Number
Version
Accessories
157.5 x 198.9 x 62.2
157.5 x 198.9 x 62.2
157.5 x 258.9 x 62.2
157.5 x 258.9 x 62.2
224.2 x 198.9 x 72.4
224.2 x 198.9 x 72.4
290.9 x 198.9 x 62.2
290.9 x 198.9 x 62.2
290.9 x 258.9 x 62.2
290.9 x 258.9 x 62.2
6.20 x 7.83 x 2.45
6.20 x 7.83 x 2.45
6.20 x 10.19 x 2.45
6.20 x 10.19 x 2.45
8.83 x 7.83 x 2.85
8.83 x 7.83x 2.85
11.45 x 7.83 x 2.45
11.45 x 7.83 x 2.45
11.45 x 10.19 x 2.45
11.45 x 10.19 x 2.45
• Ideal for small test equipment and computer peripherals, this enclosure can be
adapted superbly to your individual space requirements
• Features smooth design lines, flawless satin finish and offered with or without
ventilation slots
• Works in either the horizontal or vertical position, making it perfect as a desk or
wall-mount
Included in delivery
Lid and base, 8 screw covers, 4 rubber feet, 4 screws M3
Accessories sold separately.
Technical Data
Color
Material
Protection Classification
Surface Resistance
Flammability
Enclosure, light gray, similar to RAL 7035. Screw covers, brackets and feet in agate gray,
similar to RAL 7038.
ABS
Closed: IP 40 DIN EN 60529. IP 30 DIN EN 60529 with air vents
>1014 Ohm to DIN 53482
UL 94 HB/1.6
Model
Number
Part Number
UM 32009
UM 32009 L
UM 32609
UM 32609 L
UM 52011
UM 52011 L
UM 62009
UM 62009 L
UM 62609
UM 62609 L
55320000 00
55320010 00
55326000 00
55326010 00
55520000 00
55520020 00
55620000 00
55620010 00
55626000 00
55626010 00
Dimensions
mm
Dimensions
Inches
Ultramas
FP
FPK
AB
UM-AS
UM-ASK
UM-WLH
UM-VHH
Front panel, aluminum Al Mg3, anodized, 2 mm
Front panel, plastic ABS, light gray, similar to RAL 7035, 2 mm, embossed on one side
Extension set left and right, ABS light gray, similar to RAL 7035 (set = 2 pieces)
Fixed set-up foot set (set = 4 pieces)
Hinged set-up foot set (set = 2 fixed and 2 hinged feet)
Wall brackets (set = 4 pieces)
Connecting straps (set = 4 pieces)
W x D x H
W x D x H
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com