Electronic Components Datasheet Search
  English  ▼

X  

0809061600 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # 0809061600
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809061600 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button 0809061600 Datasheet HTML 42Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 43Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 44Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 45Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 46Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 47Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 48Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 49Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 164 page
background image
www.Rose-Bopla.com
44
Two-shell extrusion design with integrated guide rails for
four 100 mm PC boards, and 4 external “T” slots for
bracket wall-mounting. External wall-mount bracket set,
optional.
Extrusion only, bare Aluminum (sold by the meter)
Extrusion only, bare Aluminum (sold by the meter)
Unpainted Aluminum plate lid with screws
Set of 4 External Wall Mount Brackets with spring nuts and screws
Rubber Table Feet
Black Lid Screw (M3 x 8)
Multitronic Build-A-Box
® 10011110/10011110
Part #
Type
Description
10011110 00
10011110 00
10095154 08
77000100 00
10094110 00
10093205 00
Extrusion Top
Extrusion Bottom
End Lid
Brackets
Rubber Feet
Screw
Two-shell extrusion design with integrated heat sink,
integrated guide rail for one 100 mm PC boards, and 2
external “T” slots for bracket wall-mounting. External
wall-mount bracket set, optional.
Extrusion only, bare Aluminum (sold by the meter)
Extrusion only, bare Aluminum (sold by the meter)
Unpainted Aluminum plate lid with screws
Set of 4 External Wall Mount Brackets with spring nuts and screws
Rubber Table Feet
Black Lid Screw (M3 x 8)
Multitronic Build-A-Box
® 10011111/10011109
Part #
Type
Description
10011111 00
10011109 00
10095150 08
77000100 00
10094110 00
10093205 00
Extrusion Top
Extrusion Bottom
End Lid
Brackets
Rubber Feet
Screw
Accessories
Accessories
Enclosure Profiles
Enclosure Profiles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com