Electronic Components Datasheet Search
  English  ▼

X  

XT40.481 Datasheet(PDF) 11 Page - PULS GmbH

Part # XT40.481
Description  THREE-PHASE INPUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

XT40.481 Datasheet(HTML) 11 Page - PULS GmbH

Back Button XT40.481 Datasheet HTML 7Page - PULS GmbH XT40.481 Datasheet HTML 8Page - PULS GmbH XT40.481 Datasheet HTML 9Page - PULS GmbH XT40.481 Datasheet HTML 10Page - PULS GmbH XT40.481 Datasheet HTML 11Page - PULS GmbH XT40.481 Datasheet HTML 12Page - PULS GmbH XT40.481 Datasheet HTML 13Page - PULS GmbH XT40.481 Datasheet HTML 14Page - PULS GmbH XT40.481 Datasheet HTML 15Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
XT40.481, XT40.482
– X-Series
48V, 20A, THREE-PHASE INPUT
Jan. 2007 / Rev. 1.0 DS-XT40.48x-EN All parameters are specified at 48V 20A, 3x400Vac (XT40.481) or 3x480Vac (XT40.482),
25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
11/20
15. ENVIRONMENT
Operational temperature
-25°C to +70°C (-13°F to 158°F)
reduce output power above +60°C
Output de-rating
24W/°C
60-70°C (140°F to 158°F), see Fig. 15-1
Storage temperature
-40 to +85°C (-40°F to 185°F)
storage and transportation
Humidity
5 to 95% r.H.
no condensation allowed
Vibration sinusoidal
2-17.8Hz: ±1.6mm; 17.8-500Hz: 2g
2 hours / axis
IEC 60068-2-6
Vibration random
0.5m
2(s3)
2 hours / axis
IEC 60068-2-64
Shock
15g 6ms, 10g 11ms
3 bumps / direction, 18 bumps in total
IEC 60068-2-27
Altitude
0 to 6000m (0 to 20 000ft)
Reduce output power or ambient
temperature above 2000m sea level.
Output de-rating (for altitude)
60W/1000m or 5°C/1000m
above 2000m, see Fig. 15-2
Over-voltage category
III
EN 50178, altitudes up to 2000m
II
Altitudes from 2000m to 6000m
Degree of pollution
2
EN 50178, non conductive
Fig. 15-1 Output current vs. ambient temp.,
Fig. 15-2 Output current vs. altitude
Allowed
Output Current
0
-25
0
20
40
70°C
5
10
15
20A
60
Ambient Temperature
Allowed Output
Current
0
0
2000
4000
6000m
5
10
15
20A
Altitude
A... Tamb < 60°C
B... Tamb < 50°C
C... Tamb < 40°C
A
B
C
The ambient temperature is defined 2cm below the unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com