Electronic Components Datasheet Search
  English  ▼

X  

XT40.481 Datasheet(PDF) 17 Page - PULS GmbH

Part # XT40.481
Description  THREE-PHASE INPUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

XT40.481 Datasheet(HTML) 17 Page - PULS GmbH

Back Button XT40.481 Datasheet HTML 12Page - PULS GmbH XT40.481 Datasheet HTML 13Page - PULS GmbH XT40.481 Datasheet HTML 14Page - PULS GmbH XT40.481 Datasheet HTML 15Page - PULS GmbH XT40.481 Datasheet HTML 16Page - PULS GmbH XT40.481 Datasheet HTML 17Page - PULS GmbH XT40.481 Datasheet HTML 18Page - PULS GmbH XT40.481 Datasheet HTML 19Page - PULS GmbH XT40.481 Datasheet HTML 20Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
XT40.481, XT40.482
– X-Series
48V, 20A, THREE-PHASE INPUT
Jan. 2007 / Rev. 1.0 DS-XT40.48x-EN All parameters are specified at 48V 20A, 3x400Vac (XT40.481) or 3x480Vac (XT40.482),
25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
17/20
26.3. OUTPUT CIRCUIT BREAKERS
Standard miniature circuit breakers (MCB`s or UL 1077 supplementary breakers) can be used for branch protection
but ensure, that the MCB is rated for DC voltage too. The following tests show which circuit breakers the power
supply typically will trip.
Circuit breakers have huge tolerances in their tripping behavior. Therefore, these typical tests can only be used as a
recommendation or for comparing two different power supplies. Furthermore, the loop impedance has a major
influence on whether a breaker trips or not. Two tests were performed, representing typical situations:
Test 1: Short circuit with S1 on the power supply end of the cable (loop impedance approx. 20mOhm)
Fig. 26-1 Branch protectors, test circuit 1
Circuit
Breaker
Power
Supply
AC
DC
+
-
I
Load
+
-
S1
Parameters:
Input voltage:
3x400Vac, load current: 0A
The following circuit breaker tripped during the test:
A- or Z- Characteristic::
equal or smaller 25A *)
B- Characteristic:
equal or smaller 32A *)
C- Characteristic:
equal or smaller 20A *)
Test 2: Short circuit with S1 on the load end (additional impedance included; represents longer load wire length).
Fig. 26-2 Branch protectors, test circuit 2
R
Circuit
Breaker
Power
Supply
AC
DC
+
-
I
S1
Load
+
-
Parameters:
Input voltage:
3x400Vac, load current: 0A
The following circuit breaker tripped during the test:
A- or Z- Characteristic::
≤ 25A and R= 50mOhm *)
B- Characteristic:
≤ 32A and R= 29mOhm *)
C- Characteristic:
≤ 20A and R= 82mOhm *)
What does this resistance mean in wire length?
1.0mm
2
1.5mm
2
2.5mm
2
4.0mm
2
6mm
2
10mm
2
29mOhm
1.6m
2.4m
4.0m
6.5m
9.7m
16.2m
50mOhm
2.8m
4.2m
7.0m
11.1m
16.7m
27.9m
82mOhm
4.6m
6.9m
11.4m
18.3m
27.4m
45.7m
*) A list of the circuit breakers under test is available on request.
Example:
Which wire gauge must be used at a length of 8.5m before a B-Characteristic circuit breaker with 32A will trip?
Answer: A 32A B-Characteristic circuit breaker requires a loop impedance of less than 29mOhm based on the test
results. The wire length table shows that a length of 9.7m with a cross section of 6.0mm
2 has an impedance of
29mOhm. A wire not smaller than 6.0mm
2 shall be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com