Electronic Components Datasheet Search
  English  ▼

X  

XT40.481 Datasheet(PDF) 8 Page - PULS GmbH

Part # XT40.481
Description  THREE-PHASE INPUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

XT40.481 Datasheet(HTML) 8 Page - PULS GmbH

Back Button XT40.481 Datasheet HTML 4Page - PULS GmbH XT40.481 Datasheet HTML 5Page - PULS GmbH XT40.481 Datasheet HTML 6Page - PULS GmbH XT40.481 Datasheet HTML 7Page - PULS GmbH XT40.481 Datasheet HTML 8Page - PULS GmbH XT40.481 Datasheet HTML 9Page - PULS GmbH XT40.481 Datasheet HTML 10Page - PULS GmbH XT40.481 Datasheet HTML 11Page - PULS GmbH XT40.481 Datasheet HTML 12Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
XT40.481, XT40.482
– X-Series
48V, 20A, THREE-PHASE INPUT
Jan. 2007 / Rev. 1.0 DS-XT40.48x-EN All parameters are specified at 48V 20A, 3x400Vac (XT40.481) or 3x480Vac (XT40.482),
25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
8/20
10. FUNCTIONAL DIAGRAM
Fig. 10-1 Functional diagram
+
-
Active
Transient
Blocker
Input
Filter
Input
Rectifier
Reset
Output
Voltage
Monitor
Over-
Voltage
Protection
Output
Power
Manager
Temp.
Shut-
down
Input
Voltage
Monitor
L3
L2
L1
Semi-
regulated
Power
Converter
Output
Filter
DC-ok
LED
Warning
LED
Shut-down
LED
11. FRONT SIDE AND USER ELEMENTS
Fig. 11-1 Front side of XT40.481
Output Terminals
Large screw terminal
+ Positive output
- Negative (return)
output
See chapter 12
“Terminals and
Wiring” to choose
appropriate wire size.
Input Terminals
Screw terminals
L1, L2, L3:
Line inputs
PE (Protective
Earth) input
DC-ok LED (green)
Indicates a normal operation. The LED is on
if the output voltage is higher than 43.2V.
Warning LED (yellow)
-
A steady-state light indicates an output
current higher than the nominal current
and that the internal shutdown timer is
running.
-
A double flash indicates a phase-loss or
too low / too high input voltage.
(XT40.481: < 3x333Vac or > 3x467Vac
XT40.482: < 3x400Vac or > 3x560Vac)
-
A fast flash warns of an impending
temperature shut-down. A shut-down
can be expected within 10 minutes, if
the ambient temperature or the load
current stays constant.
Shut-down LED (red) and reset button
The red LED flashes when the device has
shut down. Pressing the reset button or
cycling the input power (10s required)
initiates a restart. If the fault has been
cleared the device will operate normally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com