Electronic Components Datasheet Search
  English  ▼

X  

XT40.481 Datasheet(PDF) 6 Page - PULS GmbH

Part # XT40.481
Description  THREE-PHASE INPUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

XT40.481 Datasheet(HTML) 6 Page - PULS GmbH

Back Button XT40.481 Datasheet HTML 2Page - PULS GmbH XT40.481 Datasheet HTML 3Page - PULS GmbH XT40.481 Datasheet HTML 4Page - PULS GmbH XT40.481 Datasheet HTML 5Page - PULS GmbH XT40.481 Datasheet HTML 6Page - PULS GmbH XT40.481 Datasheet HTML 7Page - PULS GmbH XT40.481 Datasheet HTML 8Page - PULS GmbH XT40.481 Datasheet HTML 9Page - PULS GmbH XT40.481 Datasheet HTML 10Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
XT40.481, XT40.482
– X-Series
48V, 20A, THREE-PHASE INPUT
Jan. 2007 / Rev. 1.0 DS-XT40.48x-EN All parameters are specified at 48V 20A, 3x400Vac (XT40.481) or 3x480Vac (XT40.482),
25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
6/20
8. HOLD-UP TIME
XT40.481
XT40.482
Hold-up Time
typ.
3.1ms
3.1ms
20A, resistive load, see Fig. 8-2
typ.
2.7ms
2.7ms
20A, constant power load, see Fig. 8-2
typ.
6.2ms
6.2ms
10A, resistive load
typ.
5.4ms
5.4ms
10A, constant power load
Hold-up Time
min.
2.5ms
2.5ms
20A, resistive load, see Fig. 8-2
min.
2.2ms
2.2ms
20A, constant power load, see Fig. 8-2
min.
5.0ms
5.0ms
10A, resistive load
min.
4.4ms
4.4ms
10A, constant power load
Fig. 8-1 Hold-up time, definitions
The energy is stored in the output capacitor. As
soon as the input is turned off, the output
capacitor will be discharged and the voltage will
dissipate according to the curves in Fig. 8-2. The
lighter the load, the longer the hold-up time. Half
the load means twice the hold-up time.
The
hold-up
time
depends
on
the
load
characteristic. The curves below show the hold-up
time for a load with a resistive and a constant
power characteristic.
The hold-up time is defined as the period of time
when the input is turned off and until the output
voltage falls below 48V –15% (40.8V). This value is
defined in the IEC61131-2 as the lower limit for the
supplying voltage.
-15%
Hold-
up
Time
Zero Transition
Output
Voltage
Intput
Voltage
Fig. 8-2 Hold-up time vs. input voltage
48V
24V
36V
28V
VOUT
44V
32V
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5
5.5 6.0 6.5 7.0 7.5 8.0
5.0
8.5 9.0
20A, constant power load, typ.
20A, resistive load, typ.
T
20A, constant power load, min.
20A, resistive load, min.
40.8V
11ms
9.5 10 10.5
Note: At no load, the hold-up time can be up to one minute. The green DC-ok LED is on during this time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com