Electronic Components Datasheet Search
  English  ▼

X  

XT40.481 Datasheet(PDF) 18 Page - PULS GmbH

Part # XT40.481
Description  THREE-PHASE INPUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

XT40.481 Datasheet(HTML) 18 Page - PULS GmbH

Back Button XT40.481 Datasheet HTML 12Page - PULS GmbH XT40.481 Datasheet HTML 13Page - PULS GmbH XT40.481 Datasheet HTML 14Page - PULS GmbH XT40.481 Datasheet HTML 15Page - PULS GmbH XT40.481 Datasheet HTML 16Page - PULS GmbH XT40.481 Datasheet HTML 17Page - PULS GmbH XT40.481 Datasheet HTML 18Page - PULS GmbH XT40.481 Datasheet HTML 19Page - PULS GmbH XT40.481 Datasheet HTML 20Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
XT40.481, XT40.482
– X-Series
48V, 20A, THREE-PHASE INPUT
Jan. 2007 / Rev. 1.0 DS-XT40.48x-EN All parameters are specified at 48V 20A, 3x400Vac (XT40.481) or 3x480Vac (XT40.482),
25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
18/20
26.4. EXTERNAL INPUT PROTECTION
The power supply has no internal input fuses included. The unit is tested and approved for branch circuits up to 16A
(U.S.A 15A). External protection is only required if the supplying branch has an ampacity greater than this. In some
countries local regulations might apply so check all local codes and requirements. If an external fuse is necessary or
utilized, minimum requirements need to be considered to avoid nuisance tripping of the fuse.
B-Characteristic
C-Characteristic
Ampacity
max.
20A
20A
min.
6A
3A
26.5. BACK-FEEDING LOADS
Loads such as decelerating motors and inductors can feed voltage back to the power supply. This feature is also called
return voltage immunity or resistance against Back- E.M.F. (Electro Magnetic Force).
This power supply is resistant and does not show adverse effects when a load feeds back voltage to the power supply.
It does not matter, whether the power supply is on or off.
If the power supply is fully loaded after a return-feeding event, the output voltage can dip to 21V for approx 20ms.
The maximum allowed feed back voltage is 55.1Vdc. The absorbing energy can be calculated according to the built-in
large sized output capacitor which is specified in chapter 7.
26.6. PARALLEL USE TO INCREASE OUTPUT POWER
The XT40 Series of power supplies shall not be paralleled to increase the output power.
26.7. PARALLEL USE FOR REDUNDANCY
Power supplies can be paralleled for a 1+1 redundancy to gain a higher system availability and reliability. Redundant
systems require a certain amount of extra power to support the load in case one power supply unit fails. The simplest
way is to put two X-Series power supplies in parallel which is called a 1+1 redundancy. In case one power supply unit
fails, the other one is automatically able to support the load current without any interruption.
Please note: This simple way to build a redundant system does not cover failures such as an internal short circuit on
the secondary side of the power supply. In such a condition, the shorted unit becomes a load for the other power
supplies and the output voltage can not be maintained. This can be avoided by utilizing decoupling diodes which are
included in the Dimension redundancy module YRM2.DIODE or YR2.DIODE. One module is needed per XT-power
supply.
Recommendations for building redundant power systems:
a)
Use separate input fuses for each power supply.
b)
Monitor the individual power supply units. A DC-ok LED and a DC-ok contact is included in the redundancy
module YRM2.DIODE and can report a faulty unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com