Electronic Components Datasheet Search
  English  ▼

X  

XT40.481 Datasheet(PDF) 5 Page - PULS GmbH

Part # XT40.481
Description  THREE-PHASE INPUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

XT40.481 Datasheet(HTML) 5 Page - PULS GmbH

  XT40.481 Datasheet HTML 1Page - PULS GmbH XT40.481 Datasheet HTML 2Page - PULS GmbH XT40.481 Datasheet HTML 3Page - PULS GmbH XT40.481 Datasheet HTML 4Page - PULS GmbH XT40.481 Datasheet HTML 5Page - PULS GmbH XT40.481 Datasheet HTML 6Page - PULS GmbH XT40.481 Datasheet HTML 7Page - PULS GmbH XT40.481 Datasheet HTML 8Page - PULS GmbH XT40.481 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
XT40.481, XT40.482
– X-Series
48V, 20A, THREE-PHASE INPUT
Jan. 2007 / Rev. 1.0 DS-XT40.48x-EN All parameters are specified at 48V 20A, 3x400Vac (XT40.481) or 3x480Vac (XT40.482),
25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
5/20
7. OUTPUT
Output voltage
nom.
48V
Output voltage adjustment range
none
The output voltage is fixed. No adjustment possible
Output current
nom.
20A
continuous, see Fig. 7-1
25A
up to 15s with full output voltage, see Fig. 7-1
Short-circuit current
typ.
90A
load impedance 50mOhm, see Fig. 7-1
Note: The short-circuit current is available for 0.1s
Output power
nom.
960W
continuous
1200W
up to 15s
Line regulation
max.
±2%
see Fig. 5-1
Load regulation
max.
1600mV
static value, 0A
20A
0A
max.
100mV
static value, 2.5A
20A
2.5A
Ripple and noise voltage *)
max.
2500mVpp
20Hz-2kHz, 50Ohm
max.
300mVpp
2kHz to 20MHz, 50Ohm
Output capacitance
typ.
7 600µF
*) The ripple and noise voltage mostly consist of a mains ripple with 300Hz (50Hz mains) or 360Hz (60Hz mains). The ripple and
noise voltage can be reduced by the utilization of external capacitors.
The power supply is also designed to support loads with a higher short-term current and power requirement. The
short-term duration is firmware controlled by an output power manager. If the nominal output power is exceeded for
a certain period of time which is defined in the zone A, B and C, the power supply responds with an automatic shut-
down. Pressing the reset button or cycling the input power (10s off time is required) initiates an attempt to restart. If
the fault has been cleared the device will operate normally.
The short term power can be used periodically. See chapter 26.1 for further information.
Fig. 7-1 Output voltage vs. output current, typ.
VOUT
20A 25A
70A
40A
0
A
15s
48V
100A
30A
10A
50A
60A
80A
90A
24V
IOUT
B
5s
C
0.1s
3x 340V
3x 408V
3x 400V
3x 480V
3x 460V
3x 552V
XT40.481 XT40.482
Zone A: 25% extra output power for typ. 15s
Zone B: 100% higher output current for typ. 5s
Zone C: Quick-acting shut-down after typ. 0.1s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com