Electronic Components Datasheet Search
  English  ▼

X  

PS2602L Datasheet(PDF) 20 Page - NEC

Part # PS2602L
Description  Optocoupler Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2602L Datasheet(HTML) 20 Page - NEC

Back Button PS2602L Datasheet HTML 16Page - NEC PS2602L Datasheet HTML 17Page - NEC PS2602L Datasheet HTML 18Page - NEC PS2602L Datasheet HTML 19Page - NEC PS2602L Datasheet HTML 20Page - NEC PS2602L Datasheet HTML 21Page - NEC PS2602L Datasheet HTML 22Page - NEC PS2602L Datasheet HTML 23Page - NEC PS2602L Datasheet HTML 24Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
19
A design example of an optocoupler circuit that operates for at least ten years is shown below (using Fig. 3-3, 4-2 and 4-3). The
major causes of CTR reduction area as follows:
(From Fig. 3-3)
CTR-relative-value vs. RBE characteristics
15% down (with respect to initial value, RBE =
×)
(From Fig. 4-2)
CTR change with time (10 years, Ta = 60
°C)
40% down (with respect to initial value, 0 year)
(From Fig. 4-3)
CTR-relative-value vs. ambient-temperature characteristics
(Ta = 60
°C)
15% down (with respect to initial value ta = 25
°C)
Considering the above characteristics and safety factor = 2 (twice margin), the recommended CTR is:
21.6 x 1.4 x 1.15 x 1.15 x 2 = 80%.................(15)
(Reference)
Accordingly, the CTR value including reduction of CTR by time elapse, temperature change, and insertion of RBE must be 21.6 %
or more.
IF = 5 mA
TA = 25˚C
IF = 20 mA
TA = 25˚C
IF = 5 mA
TA = 60˚C
Normalized to CTR
test conditon
IF = 5 mA, VCE = 5V
1.2
1.0
0.8
0.6
0.4
0.2
0
010
10
10
10
23
4
5
Time (Hr)
Figure 4-2. Change of CTR with
Time (PS2601)
Ambient Temperature TA (
°C)
Figure 4-3. CTR-Relative-Value vs.
TA Characteristics
Normalized to 100
at TA = 25˚C
IF = 5 mA, VCE = 5 V
1.2
1.0
0.8
0.6
0.4
0.2
0
-55 -40
-20
20
40
60
80
100
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com