Electronic Components Datasheet Search
  English  ▼

X  

PS2602L Datasheet(PDF) 27 Page - NEC

Part # PS2602L
Description  Optocoupler Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2602L Datasheet(HTML) 27 Page - NEC

Back Button PS2602L Datasheet HTML 23Page - NEC PS2602L Datasheet HTML 24Page - NEC PS2602L Datasheet HTML 25Page - NEC PS2602L Datasheet HTML 26Page - NEC PS2602L Datasheet HTML 27Page - NEC PS2602L Datasheet HTML 28Page - NEC PS2602L Datasheet HTML 29Page - NEC PS2602L Datasheet HTML 30Page - NEC PS2602L Datasheet HTML 31Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
26
Standard characteristics
VCE = 5V
600
500
400
300
200
100
0
0.1
0.5
1
5
10
50
Sample A
Sample B
Forward Current IF (mA)
Figure 9. CTR vs. IF Characteristics (Standard Value)
Response Characteristics
The response characteristics of optocouplers are the same as those phototransistors. The fall time tf is expressed by:
tf RL•hFE•CCB
RL: Load resistance
hFE: Amplification factor
CCB: Collector-base capacitance
If RL is too high, tf becomes too high to be fit for high-speed signal transmission. Select the proper load resistance for the desired
signal rate. Similarly, the collector current must fully satisfy the minimum value of the CTR, CTR vs. TA characteristics, and CTR
vs. time characteristics. Otherwise, the phototransistor will operate unsaturated, causing lower response characteristics and
malfunction.
Figures 10 to 13 show the response-time vs. forward current characteristics and response-time vs. VCC characteristics, using load
resistance and ambient temperature as parameters.
CTR vs. IF Characteristics (IF: Forward Current Flowing Through the LED)
The current transfer ratio (CTR) depends upon the magnitude of a forward current (IF). When IF goes lower or higher than a
proper magnitude, the CTR becomes smaller. Figure 9 shows the CTR vs. IF characteristics.
Note that rate changes of CTRs are very diffrent at low IF magnitude (approx. 5 mA), middle IF magnitude (approx. 5 mA), and
high IF magnitude (approx. 20 mA). Namely, the CTR depends heavily upon the magnitude of forward current IF in lower and
higher current ranges.
For low-input and high-output switching, see Chapter 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com