Electronic Components Datasheet Search
  English  ▼

X  

PS2602L Datasheet(PDF) 38 Page - NEC

Part # PS2602L
Description  Optocoupler Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2602L Datasheet(HTML) 38 Page - NEC

Back Button PS2602L Datasheet HTML 30Page - NEC PS2602L Datasheet HTML 31Page - NEC PS2602L Datasheet HTML 32Page - NEC PS2602L Datasheet HTML 33Page - NEC PS2602L Datasheet HTML 34Page - NEC PS2602L Datasheet HTML 35Page - NEC PS2602L Datasheet HTML 36Page - NEC PS2602L Datasheet HTML 37Page - NEC PS2602L Datasheet HTML 38Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 38 / 38 page
background image
37
ITEM
CODE
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Forward voltage
VF
IF =
±10 mA
1.1
1.4
V
Pin-to-pin capacitance
Ct
V = 0, f = 1.0 MHZ
50
pF
Transistor
Collector cutoff current
ICEO
VCE = 80 V, IF = 0
100
nA
Current transfer ratio
CTR(IC/IF)IF =
± 5 mA
80
300
600
%
VCE = 5.0 V
Collector saturation voltage
VCE(sat)
IF =
±10 mA
0.3
V
IC = 2.0 mA
Insulation resistance
R1-2
Vin-out = 1.0 kV
1011
Ω
Input-to-output capacitance
C1-2
V = 0, f = 1.0 MHZ
0.5
pF
Coupled
VCC = 10 V,
Rise time
tr
IC = 2 mA,
3
µs
RL = 100
Ω
VCC = 10 V,
Fall time
tf
IC = 2 mA,
5
µs
RL = 100
Ω
IF = 5 mA,
Transfer efficiency ratio
CTR1/CTR2
VCE = 5.0 V
0.3
1.0
3.0
The transfer efficiency ratio (CTR1/CTR2) is rated as 0.3 (MIN.), 1.0 (TYP.), and 3.0 (MAX.). Assuming that CTR1 is 200%, CTR2
is in the range of 66 to 600%. Therefore, an AC input compatible optocoupler should be designed to operate with CTR 66 to
600%. For reference, the electric characteristics of the AC input compatible optocoupler (PS2505 series) are as follows:
Electric Characteristics (TA = 25
°C)
For the external drawing, absolute maximum ratings, and characteristics curves, refer to the specific documents (AC input
compatible multi-optocoupler series).
Diode
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES
• Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only)
• Internet: http://WWW.CEL.COM
07/17/2000
DATA SUBJECT TO CHANGE WITHOUT NOTICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com