Electronic Components Datasheet Search
  English  ▼

X  

PS2602L Datasheet(PDF) 28 Page - NEC

Part # PS2602L
Description  Optocoupler Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2602L Datasheet(HTML) 28 Page - NEC

Back Button PS2602L Datasheet HTML 24Page - NEC PS2602L Datasheet HTML 25Page - NEC PS2602L Datasheet HTML 26Page - NEC PS2602L Datasheet HTML 27Page - NEC PS2602L Datasheet HTML 28Page - NEC PS2602L Datasheet HTML 29Page - NEC PS2602L Datasheet HTML 30Page - NEC PS2602L Datasheet HTML 31Page - NEC PS2602L Datasheet HTML 32Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
27
Forward Current IF (mA)
Forward Current IF (mA)
VCC (V)
Figure 12. Response-Time vs. VCC
Characteristics
Figure 13. Response-Time vs. VCC
Characteristics
For reference, a voltage-gain vs. frequency characteristic using CTR as a parameter is shown below.
Figure 10. Response-Time vs. IF
Characteristics
Figure 11. Response-Time vs. IF
Characteristics
VCC (V)
Standard characteristics
VCC = 5 V
TA = 25˚C
RL = 4.7 k
Ω
TA = 85˚C
1000
500
200
100
50
20
10
5
2
1
05
10
toff
ts
ton
td
Standard characteristics
VCC = 5 V
TA = 25˚C
RL = 10 k
Ω
TA = 85˚C
toff
ts
ton
td
1000
500
200
100
50
20
10
5
2
1
05
10
Standard characteristics
IF = 10 mA
TA = 25˚C
RL = 3 k
Ω
TA = 85˚C
toff
ts
ton
td
1000
500
200
100
50
20
10
5
2
1
05
10
Standard characteristics
IF = 10 mA
TA = 25˚C
RL = 10 k
Ω
TA = 85˚C
toff
ts
ton
td
1000
500
200
100
50
20
10
5
2
1
05
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com