Electronic Components Datasheet Search
  English  ▼

X  

PS2602L Datasheet(PDF) 18 Page - NEC

Part # PS2602L
Description  Optocoupler Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2602L Datasheet(HTML) 18 Page - NEC

Back Button PS2602L Datasheet HTML 14Page - NEC PS2602L Datasheet HTML 15Page - NEC PS2602L Datasheet HTML 16Page - NEC PS2602L Datasheet HTML 17Page - NEC PS2602L Datasheet HTML 18Page - NEC PS2602L Datasheet HTML 19Page - NEC PS2602L Datasheet HTML 20Page - NEC PS2602L Datasheet HTML 21Page - NEC PS2602L Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
17
=
(
)
................ (8)
When resistor RBE is serially connected to resistor RL (see Fig. 3-4 (c)), the reduction of a CTR becomes greater even if hFE2 is
approximately equal to hFE0 in expression (8) as the expression includes RL as a parameter.
Fig. 3-5 shows typical V0 vs. IF characteristics of the above circuits (a), (b), and (c).
IF
PS2601
RBE = 100 k
Ω
Vo
Vcc = 10V
RL = 470 k
Ω
Forward current IF (mA)
Figure 3-5. Vo vs. IF Characteristics
The reduction of a CTR is greatly affected by the positional relationship between load resistor RL and base-emitter resistor RBE,
as shown in Fig. 3-4 (b) and 3-4 (c).
=
( 1 -
) ................ (7)
V1
hFE1
VBE
V2
hFE0
ICBL • RBE1
The output voltage V0, V1, and V2 of the above circuits (a), (b), and (c) are related as follows:
V2
hFE2
V0
hFE0
VBE2
1 -
ICBL • RBE1
RL • hFE2
1 +
RBE2
Figure 3-4 (a).
Open
ICBL
VBE
Vo
RL
ICBL
RBE1
VBE1
V1
RL
Figure 3-4 (b).
RBE Serial to RL
ICBL
RBE2
VBE2
V2
RL
Figure 3-4 (c).
RBE Parallel to RL
10
8
6
4
2
0
12
5
10
20
50
(c) RBG = 100 k
Ω
(b) RBE = 100 k
Ω
(a) RB open
Vcc = 10 V
RL = 470
Ω
CTR = 190%
(PS2601)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com