Electronic Components Datasheet Search
  English  ▼

X  

PS2602L Datasheet(PDF) 8 Page - NEC

Part # PS2602L
Description  Optocoupler Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2602L Datasheet(HTML) 8 Page - NEC

Back Button PS2602L Datasheet HTML 4Page - NEC PS2602L Datasheet HTML 5Page - NEC PS2602L Datasheet HTML 6Page - NEC PS2602L Datasheet HTML 7Page - NEC PS2602L Datasheet HTML 8Page - NEC PS2602L Datasheet HTML 9Page - NEC PS2602L Datasheet HTML 10Page - NEC PS2602L Datasheet HTML 11Page - NEC PS2602L Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
7
The turn-off time can be greatly reduced by the base-emitter resistance (RL). In Test circuit 4, the turn-off time of the test circuit
having resistance RL is about 1/30 of that of the test circuit without the resistance. This is because the carrier (photocurrent)
stored in the collector-base capacitor (CC-B) is quickly released through the base-emitter resistor (RBE). However, note that part
of a photocurrent generating on the base of the phototransistor flows through the RBE resistor and reduces the current transfer
ratio (CTR). Compare the voltage level of the output waveform in Photo 4 with that of the output waveform in Photo 2. The
current transfer ratio of the test circuit having a base-emitter resistor of 200 k
Ω is half or less of that of the test circuit without the
resistance. (See 3.3 for reduction of the current transfer ratio CTR.)
For reference, Fig. 2-3 shows the switching-time vs. RL characteristics and Fig. 2-4 shows the switching-time vs. RBE characteris-
tics.
x
Sample Solid line:
Current transfer ratio of 166%
Dotted line:
Current transfer ratio of 274%
at Ir = 5mA
tr
td
1000
500
200
100
50
20
10
5
2
1
100
500
1 k
5 k
10 k
50 k 100 k
tf
ts
IF =10mAVcc=5V
Vcc=5V
Vo
RL
IF=
10mA
51
Ω
I
Load Resistance RL (
Ω)
VCC = 5 V, IF = 10mA
RL = 5
Ω
Solid line:
Emitter follower
Dotted line: Emitter grounded
160
140
120
100
80
60
40
20
0
100
200
500
1000
toff
toff
Base-Emitter Resistance RBE (k
Ω)
Load Resistance RL (
Ω)
1000
500
200
100
50
20
10
5
2
1
100
500
1 k
5 k
10 k
50 k 100 k
tf
ts
tr
td
VCC = 5V
Vo
RL
IF =
5 mA I
51
Ω
IF = 5 mA VCC = 5 V
x
Sample Solid line:
Current transfer ratio of 166%
Dotted line:
Current transfer ratio of 274%
at Ir = 5 mA
Base-Emitter Resistance RBE (k
Ω)
Vcc = 5 V, I F = 5mA
R 1 = 5
Ω
Solid line:
Emitter follower
Dotted line: Emitter grounded
160
140
120
100
80
60
40
20
0
toff
ton
100
200
500
1000
Fig. 2-3 Switching-Time vs. RL Characteristics
Fig. 2-4 Switching-Time vs. RBE Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com