Electronic Components Datasheet Search
  English  ▼

X  

PS2602L Datasheet(PDF) 21 Page - NEC

Part # PS2602L
Description  Optocoupler Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2602L Datasheet(HTML) 21 Page - NEC

Back Button PS2602L Datasheet HTML 17Page - NEC PS2602L Datasheet HTML 18Page - NEC PS2602L Datasheet HTML 19Page - NEC PS2602L Datasheet HTML 20Page - NEC PS2602L Datasheet HTML 21Page - NEC PS2602L Datasheet HTML 22Page - NEC PS2602L Datasheet HTML 23Page - NEC PS2602L Datasheet HTML 24Page - NEC PS2602L Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
20
GENERAL
Recently, optocouplers have been supplanting relays and pulse transformers for complete noise elimination, level conversion,
and high-potential isolation. Microprocessor systems are requiring more and more optocouplers on the limited area of PC boards
for I/O interface and other purposes. For these requirements, NEC has manufactured multi-channel optocouplers having 4 pins
(for one channel) to 16 pins (for four channels). These multi-channel optocouplers are called the PS2500 series optocouplers.
The PS2500 series optocouplers are divided into PS2501, PS2502, PS2505, and PS2506 according to their functions.
(PS2501L, PS2502L, PS2505L, and PS2506L have leads formed for surface installation.)
This manual describes features, structures, and basic characteristics of the PS2500 series optocouplers.
FEATURES, STRUCTURES, AND PACKAGE DIMENSIONS
Features
The major feature of PS2500 is very high isolation voltage between input and output (substantially two to three times that of the
conventional PS2400 series optocouplers). This can be proved because none of the 1300 test optocouplers were destroyed in a
strict product test (applying 10 kVac to each optocoupler for one minute). The improvement in dielectric strength of the PS2500
optocouplers has been accomplished by the double molding package structure.
In addition to high isolation voltage, the PS2500 optocouplers boast high heat resistance and high moisture resistance. Table 1
lists the major features of the PS2500 series optocouplers.
Features
High isolation
Abundant I/O functions
High CTR
High VCEO
Response
Product
Voltage
(TYP)
(MIN)
(TYP)
name
PS2501
D.C. input, Single
300%
80V
tr = 3
µs
PS2501L (*)
transistor output
tr = 5
µs
PS2502
D.C. input, Darlington
2000%
40V
tr, tf = 100
µs
PS2502L (*)
pair transistor output
PS2505
A.C. input, single
300%
80V
tr = 3
µs
PS2505L (*)
transistor output
tr = 5
µs
PS2506
A.C. input, Darlington
2000%
40V
tr, tf = 100
µs
PS2506L (*)
pair transistor output
5 kVac
Table 1. Features of PS2500 Optocouplers
Note: Tested in oil (In the air, unwanted arc discharging will occur at 6 to 7 kVac.)
* The product name followed by letter L is for a product having leads for surface mount.
PS2500-SERIES MULTI-CHANNEL OPTOCOUPLERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com